Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3100SBL Datasheet(PDF) 10 Page - Silicon Laboratories

Part # P3100SBL
Description  Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

P3100SBL Datasheet(HTML) 10 Page - Silicon Laboratories

Back Button P3100SBL Datasheet HTML 6Page - Silicon Laboratories P3100SBL Datasheet HTML 7Page - Silicon Laboratories P3100SBL Datasheet HTML 8Page - Silicon Laboratories P3100SBL Datasheet HTML 9Page - Silicon Laboratories P3100SBL Datasheet HTML 10Page - Silicon Laboratories P3100SBL Datasheet HTML 11Page - Silicon Laboratories P3100SBL Datasheet HTML 12Page - Silicon Laboratories P3100SBL Datasheet HTML 13Page - Silicon Laboratories P3100SBL Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Si2493/57/34/15/04
Global ISOmodem-EVB
10
Rev. 0.7
2.1.9. Direct Access Interface
While the motherboard supplies power through J8, J9,
or USB, power-on reset, and an RJ–11 jack for the
modem, the direct access interface (J103) is used to
connect the motherboard to an embedded system. J103
provides access to all Si2493/57/34/15/04 signals
available on the daughter card.
It is necessary to remove the jumper on JP23 to disable
both the RS-232 and USB interface and prevent signal
contention.
2.1.10. PCM Interface (24-Pin FT Only)
The
Si2493/57/34/15/04
PCM
interface
can
be
demonstrated using the voice motherboard, not with this
EVB.
2.1.11. AOUT Call Progress Audio Output
Call progress audio output is provided by the Si2493/57/
34/15/04 on the AOUT pin as a PWM signal. This signal
allows the user to monitor call progress signals, such as
dial tone, DTMF dialing, ring, busy signals, and modem
negotiation. Control of this signal is provided by AT
commands and register settings described in the
introduction. The AOUT signal is connected to an on
board amplifier, for a high-quality output. AOUT can
also be connected to a summing amplifier or multiplexer
in an embedded application as part of an integrated
audio system.
2.1.11.1. AOUT Audio Processing
The AOUT signal discussed in this section leaves the
Si2493/57/34/15/04 is processed (demodulated) by a
high pass filter: (R133,134,135, and C24, C25, 26,
C27). It is critically important to not put a dc load on the
AOUT pin since the pin also acts as a modem feature
control on reset and is internally weakly pulled up. Any
unintentional dc load on AOUT prevents proper
operation of the modem. See “AN93: Si3457/34/15/04
Modem Designer’s Guide” for more details on the
features controlled by pin strapping.
Since this PWM signal swings rail to rail and is simply
filtered by a low pass filter to acquire the audio. It is
important to keep the power supply to the modem free
of noise in the audio spectrum.
2.1.11.2. The Audio Output Amplifier (LM4819)
The Power amplifier on the EVB is powered by a current
limited 4.2 V supply. The current limit is implemented in
the
EVB
because
it
is
intended
for
HW/SW
development and is not needed for a production design.
This amplifier can drive an 8
 speaker with 200 mW of
Call progress audio (i.e., ISOmodem's call progress
dialing and negotiation tones).
The power amplifier itself is a low cost, rugged H bridge
type device. There are several pin compatible designs
from multiple vendors that can provide alternate price/
power tradeoffs for this amplifier. This power amp can
be shut down by removing jumper JP12. The signal at
JP12 can also be tied to a control signal to allow the
host to shut down the amplifier. The customer can
change the values of R172 and R173 when integrating
the EVB to his system, but should keep the RC formed
by C37 and R173 at a 50 Hz or higher corner to avoid a
power-on thump.
2.1.11.3. The Call Progress Speaker
The Call progress speaker, Regal RE-2308-NL is
connected to the amplifier via a jumper, JP14. If another
speaker is to be connected then it is necessary to
remove JP14 and connect the external speaker to JP11,
Pins 1 and 4. It is important to remember that the
speaker signal is differential. Both the output pins are
driven outputs and must not be grounded.
Table 3. DB9 Pin Connections
J1 Name
J1 Symbol
J1 Pin
Si2493/57/34/15/
04 Pin
Si2493/57/34/15/
04 Name
Carrier Detect
CD
1*
See note
DCD/EESD
Received Data
RXD
2
9
RXD
Transmit Data
TXD
3
10
TXD
Data Terminal Ready
DTR
4*
See note
ESC/RI
Signal Ground
SG
5
6
GND
Data Set Ready
DSR
6*
See note
INT/AOUT
Ready to Send
RTS
7*
See note
RTS/RXCLK
Clear to Send
CTS
8
11
CTS
Ring Indicator
RD
9*
17
RI
*Note: JP6 jumper option.


Similar Part No. - P3100SBL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100SBL LITTELFUSE-P3100SBL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
140Kb / 5P
   The series provides a surface mount solution that enables equipment to comply
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
2Mb / 5P
   Low voltage overshoot, Low on-state voltage, Low capacitance
logo
HuaXinAn Electronics CO...
P3100SBLRP HUAXINAN-P3100SBLRP Datasheet
376Kb / 7P
   SIDACtor Protection Thyristors
logo
Littelfuse
P3100SBLRP LITTELFUSE-P3100SBLRP Datasheet
2Mb / 5P
   SIDACtor Protection Thyristors
More results

Similar Description - P3100SBL

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4186-A AKM-AKD4186-A Datasheet
872Kb / 19P
   Evaluation board Rev.1 for AK4186
AKD4629-A AKM-AKD4629-A Datasheet
1Mb / 68P
   Evaluation board Rev.1 for AK4629
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5374-A AKM-AKD5374-A Datasheet
1Mb / 28P
   Evaluation board Rev.1 for AK5374
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com