Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950TPWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28950TPWRQ1
Description  Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28950TPWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  UCC28950TPWRQ1 Datasheet HTML 1Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 2Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 3Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 4Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 5Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 6Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 7Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 8Page - Texas Instruments UCC28950TPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
UCC28950-Q1
www.ti.com
SLUSAG4A – APRIL 2011 – REVISED JULY 2012
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONT.)
The UCC28950-Q1 also offers multiple light-load management features, including burst mode and dynamic SR
on/off control when transitioning in and out of discontinuous-current-mode (DCM) operation, ensuring ZVS
operation is extended down to much lighter loads.
In addition, the UCC28950-Q1 includes support for peak current along with voltage-mode control, programmable
switching frequency up to 1 MHz, and a wide set of protection features including cycle-by-cycle current limit,
UVLO, and thermal shutdown. It is easy to arrange 90-degree phase-shifted interleaved synchronized operation
between two converters.
The UCC28950-Q1 is available in a TSSOP-24 package.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 105°C
TSSOP (PW)
Reel of 2000
UCC28950TPWRQ1
UCC28950Q
–40°C to 125°C
TSSOP (PW)
Reel of 2000
UCC28950QPWRQ1
U28950Q
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
VALUE
UNIT
Input supply voltage range, VDD
(3)
–0.4 to 20
OUTA, OUTB, OUTC, OUTD, OUTE, OUTF
–0.4 to VDD + 0.4
V
Inputs voltages on DELAB, DELCD, DELEF, SS/EN, DCM, TMIN, RT, SYNC, RSUM, EA+, EA–,
–0.4 to VREF + 0.4
COMP, CS, ADEL, ADELEF
Output voltage on VREF
–0.4 to 5.6
Continuous total power dissipation
See dissipation rating table
Operating virtual junction temperature range, TJ
–40 to 150
°C
Storage temperature, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
(3)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See the
Package Options Addendum of the data sheet for thermal limitations and considerations of packages.
THERMAL INFORMATION
UCC28950-Q1
THERMAL METRIC(1)
PW
UNIT
24 PINS
θJA
Junction-to-ambient thermal resistance
93.3
°C/W
θJCtop
Junction-to-case (top) thermal resistance
24.2
°C/W
θJB
Junction-to-board thermal resistance
47.9
°C/W
ψJT
Junction-to-top characterization parameter
0.7
°C/W
ψJB
Junction-to-board characterization parameter
47.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCC28950-Q1


Similar Part No. - UCC28950TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950 Datasheet
467Kb / 42P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com