Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1004S040 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ADC1004S040
Description  Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1004S040 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ADC1004S040 Datasheet HTML 7Page - Integrated Device Technology ADC1004S040 Datasheet HTML 8Page - Integrated Device Technology ADC1004S040 Datasheet HTML 9Page - Integrated Device Technology ADC1004S040 Datasheet HTML 10Page - Integrated Device Technology ADC1004S040 Datasheet HTML 11Page - Integrated Device Technology ADC1004S040 Datasheet HTML 12Page - Integrated Device Technology ADC1004S040 Datasheet HTML 13Page - Integrated Device Technology ADC1004S040 Datasheet HTML 14Page - Integrated Device Technology ADC1004S040 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ADC1004S030_040_050_4
© IDT 2012. All rights reserved.
Product data sheet
Rev. 04 — 2 July 2012
11 of 18
Integrated Device Technology
ADC1004S030/040/050
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Table 8.
Mode selection
TC
OE
D9 to D0
IR
X
1
high impedance
high impedance
0
0
active; two’s complement
active
1
0
active; binary
active
014aaa326
CLK
VI
DATA
N
− 2
DATA
D0 to D9
DATA
N
− 1
DATA
N
DATA
N + 1
sample N + 2
sample N + 1
VCCO
sample N
sample N + 2
sample N + 1
sample N
tw(clk)H
tw(clk)L
td(s)
td(o)
th(o)
50%
0 V
VCCO
50%
0 V
Fig 4.
Timing diagram


Similar Part No. - ADC1004S040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1004S040 NXP-ADC1004S040 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1004S040TS NXP-ADC1004S040TS Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
More results

Similar Description - ADC1004S040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1003S030 IDT-ADC1003S030 Datasheet
481Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com