Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZR-LEDK2W-915 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EZR-LEDK2W-915
Description  Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR-LEDK2W-915 Datasheet(HTML) 1 Page - Silicon Laboratories

  EZR-LEDK2W-915 Datasheet HTML 1Page - Silicon Laboratories EZR-LEDK2W-915 Datasheet HTML 2Page - Silicon Laboratories EZR-LEDK2W-915 Datasheet HTML 3Page - Silicon Laboratories EZR-LEDK2W-915 Datasheet HTML 4Page - Silicon Laboratories EZR-LEDK2W-915 Datasheet HTML 5Page - Silicon Laboratories EZR-LEDK2W-915 Datasheet HTML 6Page - Silicon Laboratories EZR-LEDK2W-915 Datasheet HTML 7Page - Silicon Laboratories EZR-LEDK2W-915 Datasheet HTML 8Page - Silicon Laboratories EZR-LEDK2W-915 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 0.1 6/12
Copyright © 2012 by Silicon Laboratories
Si4455-2WayLink-DEMO
Si4455-2WayLink-DEMO
Si4455 EZR ADIO® TWO-WAY L INK D EMO K IT
U SER S G UIDE
1. Overview
Thank you for your interest in Silicon Laboratories Si4455 EZRadio® Two-Way Link Demo Kit. The Silicon
laboratories Si4455 EZRadio Two Way Link Demo Kit (P/N EZR-LEDK2W-XXX) contains everything you need to
familiarize yourself with and evaluate the Si4455 transceiver. The kit has three versions: one for the 434 MHz
band, one for the 868 MHz band and one for the 915 MHz band. The key features of the demo kit are as follows:
The demo boards have four LEDs to display information and four push-buttons to receive user commands.
The provided software pack contains all the documentation and files needed to develop a user application.
The kit supports the use of the Silicon Laboratories Integrated Development Environment (IDE) for
software debugging and the use of the Keil & SDCC C compiler, assembler, and linker toolchain.
The kit supports the use of the Wireless Development Suit (WDS) for setting radio parameters & managing
application firmware.
The demo boards come with the Si4455 range test demo application. The range test demo implements
Packet Error Rate (PER) measurement. PER is a commonly-used technique for measuring the quality of
RF links in wireless systems under particular conditions.
1.1. Kit Contents
Table 1. Kit Contents
Qty
Part Number
Description
EZR-LEDK2W-434
Si4455 EZRadio Two Way Demo Kit 434MHz
2
4455-LED-434-PER
Si4555 RFStick 434MHz EZRadio transceiver board
2
Toolstick_BA
Toolstick Base Adapter
2
USB-XTEN-01
USB extender cable (USBA-USBA)
4
AAA
AAA alkaline battery
EZR-LEDK2W-868
Si4455 EZRadio Two Way Demo Kit 868MHz
2
4455-LED-868-PER
Si4555 RFStick 868MHz EZRadio transceiver board
2
Toolstick_BA
Toolstick Base Adapter
2
USB-XTEN-01
USB extender cable (USBA-USBA)
4
AAA
AAA alkaline battery
EZR-LEDK2W-915
Si4455 EZRadio Two Way Demo Kit 915MHz
2
4455-LED-915-PER
Si4555 RFStick 915MHz EZRadio transceiver board
2
Toolstick_BA
Toolstick Base Adapter
2
USB-XTEN-01
USB extender cable (USBA-USBA)
4
AAA
AAA alkaline battery


Similar Part No. - EZR-LEDK2W-915

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
EZR-LEDK1W-868 SILABS-EZR-LEDK1W-868 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
EZR-LEDK1W-868 SILABS-EZR-LEDK1W-868 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
EZR-LEDK1W-915 SILABS-EZR-LEDK1W-915 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results

Similar Description - EZR-LEDK2W-915

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EZR-LCDK2W-434 SILABS-EZR-LCDK2W-434 Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
EZR-LEDK1W-434 SILABS-EZR-LEDK1W-434 Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
logo
List of Unclassifed Man...
KIT2 ETC2-KIT2 Datasheet
447Kb / 1P
   demo kit
logo
National Semiconductor ...
DS16EV51-AEVKD NSC-DS16EV51-AEVKD_14 Datasheet
400Kb / 7P
   DVI Extender Demo Kit for Dual or Single Link DVI Cables
logo
Silicon Laboratories
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
logo
Maxim Integrated Produc...
DK101 MAXIM-DK101 Datasheet
329Kb / 13P
   Low-Cost Demo Kit Motherboard
REV: 052903
DK2000 MAXIM-DK2000 Datasheet
479Kb / 19P
   High-Performance Demo Kit Motherboard
REV: 052903
logo
Dallas Semiconductor
DS3131DK DALLAS-DS3131DK Datasheet
376Kb / 33P
   Bit-SynchronouS (BoSS) HDLC Controller Demo Kit
logo
Maxim Integrated Produc...
DS26522DK MAXIM-DS26522DK Datasheet
914Kb / 23P
   Dual T1/E1/J1 Transceiver Demo Kit
REV: 091806
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com