Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X7R160-104M Datasheet(PDF) 5 Page - Silicon Laboratories

Part # C0603X7R160-104M
Description  Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C0603X7R160-104M Datasheet(HTML) 5 Page - Silicon Laboratories

  C0603X7R160-104M Datasheet HTML 1Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 2Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 3Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 4Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 5Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 6Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 7Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 8Page - Silicon Laboratories C0603X7R160-104M Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Si2493/57/34/15/04
Global ISOmodem-EVB
Rev. 0.7
5
1.3.2. Daughter Card Configuration
The daughter card comes configured with either a 24-
pin FT or 16-pin FS system side part and either 32 kHz
or 4.9152 MHz operation, and UART operation.
The
daughter card can also be setup to operate with a third
clock frequency, an on board 27 MHz oscillator. To
change between these options requires component
changes on the daughter card.
The daughter card can also operate in three possible
interface modes: parallel bus mode, in SPI mode as well
as the default UART mode.
There are six small (0402) strapping resistors (R101 to
R106) that are on the daughter card and are configured
differently depending
on the combination of chip
package, clock frequency chosen, and interface mode.
See Figures 5 and 6 for details.
The card and its options are shown in Figure 4, which
shows the Modem Daughter card Rev 2.0 top and
bottom views with the critical parts that may be changed
to select another command mode (i.e. SPI) or an
alternate crystal frequency, such as 4.9152 MHz.


Similar Part No. - C0603X7R160-104M

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C0603X7R101- SILABS-C0603X7R101- Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
C0603X7R101-102K SILABS-C0603X7R101-102K Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Skyworks Solutions Inc.
C0603X7R101-104M SKYWORKS-C0603X7R101-104M Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
C0603X7R101-104M SKYWORKS-C0603X7R101-104M Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
C0603X7R101-471K SKYWORKS-C0603X7R101-471K Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
More results

Similar Description - C0603X7R160-104M

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4186-A AKM-AKD4186-A Datasheet
872Kb / 19P
   Evaluation board Rev.1 for AK4186
AKD4629-A AKM-AKD4629-A Datasheet
1Mb / 68P
   Evaluation board Rev.1 for AK4629
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5374-A AKM-AKD5374-A Datasheet
1Mb / 28P
   Evaluation board Rev.1 for AK5374
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com