Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCC1808X330K502T Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SCC1808X330K502T
Description  Evaluation Board Rev 5.0 for the Si2493/57/34/15/04
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SCC1808X330K502T Datasheet(HTML) 2 Page - Silicon Laboratories

  SCC1808X330K502T Datasheet HTML 1Page - Silicon Laboratories SCC1808X330K502T Datasheet HTML 2Page - Silicon Laboratories SCC1808X330K502T Datasheet HTML 3Page - Silicon Laboratories SCC1808X330K502T Datasheet HTML 4Page - Silicon Laboratories SCC1808X330K502T Datasheet HTML 5Page - Silicon Laboratories SCC1808X330K502T Datasheet HTML 6Page - Silicon Laboratories SCC1808X330K502T Datasheet HTML 7Page - Silicon Laboratories SCC1808X330K502T Datasheet HTML 8Page - Silicon Laboratories SCC1808X330K502T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Si2493/57/34/15/04
Global ISOmodem-EVB
2
Rev. 0.7
1. Si2493/57/34/15/04-EVB Setup and
Evaluation
This section explains how to set up the Si2493/57/34/
15/04-EVB for evaluation as an RS-232 or USB
interface modem. Jumper settings, power connection,
PC/terminal
connections,
and
terminal
program
configuration settings are given. The initial modem
setup after power is applied as well as a basic tutorial
on modem operation are provided. Si2493/57/34/15/04-
EVB configurations for evaluating additional features
are discussed separately. See the Si2493/57/34/15 or
Si2404 data sheets and “AN93: Si2493/57/34/15/04/04
Modem Designer’s Guide” for complete details.
1.1. Si2493/57/34/15/04-EVB Quick Start—
RS-232 Interface
1. Set jumpers according to Figure 1, but change J6 to the
arrangement shown in Figure 3 if an FS ISOmodem
package is used.
2. Connect:

DB-9 to PC COM 1 (with a pass-through cable).

RJ-11 to phone line or CO simulator.

9 V ac adaptor (or USB cable).
3. Bring up:

Turn on power to modem.

Autobaud automatically adjusts modem DTE speed and
protocol.
4. Type “AT” followed by a carriage return.

Should echo “AT” and then an “OK”.
1.2. Si2493/57/34/15/04-EVB Quick Start—
USB Interface
1. Set jumpers according to Figure 3, but change J6 to the
arrangement shown in Figure 3 if an FS ISOmodem
package is used.
2. Connect:

USB cable to PC

RJ-11 to phone line or CO simulator
3. Download USB driver for your operating system from the
CD supplied with the evaluation board.
4. Install driver.
5. Bring up.

Reset the modem.

Autobaud automatically adjusts modem DTE speed and
protocol.
6. Type “AT” followed by a carriage return.

Should echo “AT” and then an “OK”.
1.3. Motherboard and Daughter Card
Configuration
The EVB consist of a motherboard that takes a plug in
daughter card. The motherboard can be configured in a
variety of ways that are explained below and are
managed via jumpers. The daughter card contains both
the modem system side and the isolated line interface
(DAA).
The daughter card comes preconfigured and functional
although the user may decide to change some
operating options such as the type of crystal used with
the modem chip or the type of control signals used, i.e.
UART vs parallel. These features must be managed by
changing strapping
resistors soldered down to the
daughter card and by changing parts associated with
the crystal. These possible changes are explained
below.
1.3.1. Motherboard Configuration
Check all the jumper setting on the S2493/57/34/15/04-
EVB before applying power.
The standard factory
setting for the modem in a 24-pin FT package are
shown in the figure below. This setup configures the
modem for RS232 serial operation with autobaud
enabled. Any standard terminal program configured to
communicate through a PC com port can be used to
communicate with the EVB.
Figure 1 shows the default motherboard setup for the
FT package daughter card as well as the functions of
connectors and jumpers.


Similar Part No. - SCC1808X330K502T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCC100 ETC1-SCC100 Datasheet
288Kb / 5P
   Pressure Sensors
SCC100A ETC1-SCC100A Datasheet
288Kb / 5P
   Pressure Sensors
logo
Sensortechnics GmbH
SCC100A SENSORTECHNICS-SCC100A Datasheet
103Kb / 5P
   Pressure sensors
logo
List of Unclassifed Man...
SCC100AD2 ETC1-SCC100AD2 Datasheet
288Kb / 5P
   Pressure Sensors
logo
Sensortechnics GmbH
SCC100AD2 SENSORTECHNICS-SCC100AD2 Datasheet
103Kb / 5P
   Pressure sensors
More results

Similar Description - SCC1808X330K502T

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4368 AKM-AKD4368 Datasheet
628Kb / 39P
   Evaluation board Rev.1 for AK4368
AKD4555 AKM-AKD4555 Datasheet
824Kb / 27P
   Evaluation board Rev.0 for AK4555
AKD4145-A AKM-AKD4145-A Datasheet
1Mb / 32P
   Evaluation board Rev.3 for AK4145
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4186-A AKM-AKD4186-A Datasheet
872Kb / 19P
   Evaluation board Rev.1 for AK4186
AKD4629-A AKM-AKD4629-A Datasheet
1Mb / 68P
   Evaluation board Rev.1 for AK4629
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5374-A AKM-AKD5374-A Datasheet
1Mb / 28P
   Evaluation board Rev.1 for AK5374
AKD4691-A AKM-AKD4691-A Datasheet
1Mb / 68P
   Evaluation board Rev.0 for AK4691
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com