Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4355-LED-434-SRX Datasheet(PDF) 2 Page - Silicon Laboratories

Part # 4355-LED-434-SRX
Description  Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4355-LED-434-SRX Datasheet(HTML) 2 Page - Silicon Laboratories

  4355-LED-434-SRX Datasheet HTML 1Page - Silicon Laboratories 4355-LED-434-SRX Datasheet HTML 2Page - Silicon Laboratories 4355-LED-434-SRX Datasheet HTML 3Page - Silicon Laboratories 4355-LED-434-SRX Datasheet HTML 4Page - Silicon Laboratories 4355-LED-434-SRX Datasheet HTML 5Page - Silicon Laboratories 4355-LED-434-SRX Datasheet HTML 6Page - Silicon Laboratories 4355-LED-434-SRX Datasheet HTML 7Page - Silicon Laboratories 4355-LED-434-SRX Datasheet HTML 8Page - Silicon Laboratories 4355-LED-434-SRX Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Si4010-RC-DEMO
2
Rev. 0.2
Figure 1. Si4010 Universal Key Fob Board and Plastic Case
(P/N 4010-KFOB-434 and MSC-PLPB_1)
Figure 2. Si4355 RFStick 434 MHz Receiver Board (P/N 4355-LED-434-SRX)
2. Operating the Demo
The Si4010 key fob transmitter and the Si4355 RFStick receiver are the transmitter and receiver devices used in
the one way link demo. This transmitter/receiver pair can be used to evaluate the capabilities of the Si4010
transmitter and the Si4355 receiver.
The first step is to insert the CR2032 battery in the battery holder on the 4010-KFOB-XXX demo board and then
place the board into the plastic key fob case. Next, insert the two AAA batteries in the battery holder on the 4355-
LED-XXX receiver board and turn it on by setting the S6 switch to the “Battery” position. LED4 will light
continuously indicating that power is on and the SRX firmware is running.
When a button is pressed on the key fob, LEDs flash on the receiver boad according to which button was pressed.
In the next table, buttons are named according to their position when the key fob is held with its LED facing
forward.
Table 2. Key Fob Buttons and Resulting LEDs
Key Fob Button Pressed
RF Stick LED Flashed
Left Button
LED1
Middle Button
LED2
Right Button
LED3
Rear Button
LED1 + LED3
Front Button
LED1 + LED2 + LED3


Similar Part No. - 4355-LED-434-SRX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
4355-LED-434-SRX SILABS-4355-LED-434-SRX Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
4355-LED-434-SRX SILABS-4355-LED-434-SRX Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
More results

Similar Description - 4355-LED-434-SRX

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4010-RC-DEMO SILABS-SI4010-RC-DEMO Datasheet
384Kb / 10P
   Si4010 EZRADIO짰 REMOTE CONTROL DEMO KIT USER?셎
4010-DASKF-434 SILABS-4010-DASKF-434 Datasheet
99Kb / 8P
   Si4010 SIMPLIFIED KEY FOB DEMO KIT USER?셎 GUIDE
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
EZR-LCDK2W-434 SILABS-EZR-LCDK2W-434 Datasheet
414Kb / 16P
   EZRADIO짰 TWO-WAY LINK DEVELOPMENT KIT USER?셎
SI4312-DB SILABS-SI4312-DB Datasheet
455Kb / 11P
   Si4312 DEMO BOARD USER?셎 GUIDE
SI4311-DB SILABS-SI4311-DB Datasheet
445Kb / 11P
   Si4311 DEMO BOARD USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
Silicon Laboratories
EZR-LEDK2W-434 SILABS-EZR-LEDK2W-434 Datasheet
208Kb / 14P
   Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
SI4820-DEMO SILABS-SI4820-DEMO Datasheet
1Mb / 10P
   Si4820/24 DEMO BOARD USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com