Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT03C200 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. BZT03C200
Description  POWER DISSIPATION: 3.25 W
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZT03C200 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZT03C200 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C200 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C200 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C200 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Test
Current
IZT
IR@VR
m A
µ A
VV
A
µ A
V
Min
Typ.
Max
Typ
Max
Min
Max
Max
Max
Max
BZT03D6V2
5.6
6.2
6.8
1.0
2.0
100
0
0.07
1500
4.4
9.5
34
3000
4.8
BZT03D6V8
6.1
6.8
7.5
1.0
2.0
100
0
0.07
1000
4.8
10.5
31
2000
5.3
BZT03D7V5
6.75
7.5
8.25
1.0
2.0
100
0
0.07
750
5.3
11.6
26.5
1500
5.9
BZT03D8V2
7.4
8.2
9
1.0
2.0
100
0.03
0.08
600
5.9
12.6
24.4
1200
6.5
BZT03D9V1
8.2
9.1
10
2.0
4.0
50
0.03
0.08
20
6.5
13.7
22.7
50
7.1
BZT03D10
9
10
11
2.0
4.0
50
0.05
0.09
10
7.1
15.2
20.3
20
7.9
BZT03D11
9.9
11
12.1
4.0
7.0
50
0.05
0.10
4.0
7.9
16.2
19.1
5.0
8.6
BZT03D12
10.8
12
13.2
4.0
7.0
50
0.05
0.10
3.0
8.6
17.5
17.7
5.0
9.3
BZT03D13
11.7
13
14.3
5.0
10
50
0.05
0.10
2.0
9.3
19.1
15.9
5.0
10.6
BZT03D15
13.5
15
16.5
5.0
10
50
0.05
0.10
1.0
10.6
21.8
14.4
5.0
11.6
BZT03D16
14.4
16
17.6
6.0
15
25
0.06
0.11
1.0
11.6
23.4
13.1
5.0
12.6
BZT03D18
16.2
18
19.8
6.0
15
25
0.06
0.11
1.0
12.6
26.3
11.7
5.0
14.4
BZT03D20
18.0
20
22.0
6.0
15
25
0.06
0.11
1.0
14.4
29.2
10.6
5.0
15.8
BZT03D22
29.8
22
24.2
6.0
15
25
0.06
0.11
1.0
15.8
31.9
9.7
5.0
17.2
BZT03D24
21.6
24
26.4
7.0
15
25
0.06
0.11
1.0
17.2
34.6
8.9
5.0
19.4
BZT03D27
24.3
27
29.7
7.0
15
25
0.06
0.11
1.0
19.4
39
7.9
5.0
21.5
BZT03D30
27.0
30
33.0
8.0
15
25
0.06
0.11
1.0
21.5
43.5
7.1
5.0
23.5
BZT03D33
29.7
33
36.3
8.0
15
25
0.06
0.11
1.0
23.5
47.5
6.5
5.0
25.8
BZT03D36
32.4
36
39.6
21
40
10
0.06
0.11
1.0
25.8
51.5
6.0
5.0
28
BZT03D39
35.1
39
42.9
21
40
10
0.06
0.11
1.0
28
56
5.5
5.0
31
BZT03D43
38.7
43
47.3
24
45
10
0.07
0.12
1.0
31
62
4.9
5.0
33.5
BZT03D47
42.3
47
51.7
24
45
10
0.07
0.12
1.0
33.5
67.5
4.6
5.0
36.5
BZT03D51
45.9
51
56.1
25
60
10
0.07
0.12
1.0
36.5
73
4.2
5.0
40
BZT03D56
50.4
56
61.6
25
60
10
0.07
0.12
1.0
40
81
3.8
5.0
44.5
BZT03D62
55.8
62
68.2
25
80
10
0.08
0.13
1.0
44.5
89
3.5
5.0
49
BZT03D68
61.2
68
74.8
25
80
10
0.08
0.13
1.0
49
97
3.2
5.0
54
BZT03D75
67.5
75
82.5
30
100
10
0.08
0.13
1.0
54
107
2.9
5.0
59
BZT03D82
73.8
82
90.2
30
100
10
0.08
0.13
1.0
59
117
2.6
5.0
65
BZT03D91
81.9
91
100
60
200
5.0
0.09
0.13
1.0
65
130
2.4
5.0
71
BZT03D100
90
100
110
60
200
5.0
0.09
0.13
1.0
71
143
2.2
5.0
79
BZT03D110
99
110
121
80
250
5.0
0.09
0.13
1.0
79
157
2.0
5.0
86
BZT03D120
108
120
132
80
250
5.0
0.09
0.13
1.0
86
172
1.8
5.0
93
BZT03D130
117
130
143
110
300
5.0
0.09
0.13
1.0
93
187
1.6
5.0
106
BZT03D150
135
150
165
130
300
5.0
0.09
0.13
1.0
106
213
1.5
5.0
116
BZT03D160
144
160
176
150
350
5.0
0.09
0.13
1.0
116
229
1.3
5.0
126
BZT03D180
162
180
198
180
400
5.0
0.09
0.13
1.0
126
256
1.2
5.0
144
BZT03D200
180
200
220
200
500
5.0
0.09
0.13
1.0
144
284
1.1
5.0
158
BZT03D220
198
220
242
350
750
2.0
0.09
0.13
1.0
158
314
1.0
5.0
172
BZT03D240
216
240
264
400
850
2.0
0.09
0.13
1.0
172
364
0.9
5.0
194
BZT03D270
243
270
297
450
1000
2.0
0.09
0.13
1.0
194
388
0.8
5.0
215
(1)10/1000 exp.falling pulse tp=1000µs down to 50%
(2)Stand-off voltage=recommended suplly voltage.
Dynamic
Resistance
%/K
Stand-off
V(CL)R
1)
@ IRMS
IR@VR
2)
Temperature
Coefficient
of Zener Voltage
αVZ@IZT
Zener Voltage
Range
(2)
Type
VZ@IZT
V
Reverse
Leakage
Current
Clamping
rzj@IZT,
f=1kHZ
BZT03 Series
Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn