Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT03C200 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. BZT03C200
Description  POWER DISSIPATION: 3.25 W
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZT03C200 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZT03C200 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C200 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C200 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT03C200 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Test
Current
IZT
IR@VR
m A
µ A
VV
A
µ A
V
Min.
Typ.
Max.
Typ.
Max.
Min.
Max.
Max.
Max.
Max.
BZT03C6V2
5.8
6.2
6.6
1.0
2.0
100
0
0.07
1500
4.7
9.3
34
3000
5.1
BZT03C6V8
6.4
6.8
7.2
1.0
2.0
100
0
0.07
1000
5.1
10.2
31
2000
5.6
BZT03C7V5
7.0
7.5
7.9
1.0
2.0
100
0
0.07
750
5.6
11.3
26.5
1500
6.2
BZT03C8V2
7.7
8.2
8.7
1.0
2.0
100
0.03
0.08
600
6.2
12.3
24.4
1200
6.8
BZT03C9V1
8.5
9.1
9.6
2.0
4.0
50
0.03
0.08
20
6.8
13.3
22.7
50
7.5
BZT03C10
9.4
10
10.6
2.0
4.0
50
0.05
0.09
10
7.5
14.8
20.3
20
8.2
BZT03C11
10.4
11
11.6
4.0
7.0
50
0.05
0.10
4.0
8.2
15.7
19.1
5.0
9.1
BZT03C12
11.4
12
12.7
4.0
7.0
50
0.05
0.10
3.0
9.1
17.0
17.7
5.0
10
BZT03C13
12.4
13
14.1
5.0
10
50
0.05
0.10
2.0
10
18.9
15.9
5.0
11
BZT03C15
13.8
15
15.6
5.0
10
50
0.05
0.10
1.0
11
20.9
14.4
5.0
12
BZT03C16
15.3
16
17.1
6.0
15
25
0.06
0.11
1.0
12
22.9
13.1
5.0
13
BZT03C18
16.8
18
19.1
6.0
15
25
0.06
0.11
1.0
13
25.6
11.7
5.0
15
BZT03C20
18.8
20
21.2
6.0
15
25
0.06
0.11
1.0
15
28.4
10.6
5.0
16
BZT03C22
20.8
22
23.3
6.0
15
25
0.06
0.11
1.0
16
31.0
9.7
5.0
18
BZT03C24
22.8
24
25.6
7.0
15
25
0.06
0.11
1.0
18
33.8
8.9
5.0
20
BZT03C27
25.1
27
28.9
7.0
15
25
0.06
0.11
1.0
20
38.1
7.9
5.0
22
BZT03C30
28
30
32
8.0
15
25
0.06
0.11
1.0
22
42.2
7.1
5.0
24
BZT03C33
31
33
35
8.0
15
25
0.06
0.11
1.0
24
46.2
6.5
5.0
27
BZT03C36
34
36
38
21
40
10
0.06
0.11
1.0
27
50.1
6.0
5.0
30
BZT03C39
37
39
41
21
40
10
0.06
0.11
1.0
30
54.1
5.5
5.0
33
BZT03C43
40
43
46
24
45
10
0.07
0.12
1.0
33
60.7
4.9
5.0
36
BZT03C47
44
47
50
24
45
10
0.07
0.12
1.0
36
65.5
4.6
5.0
39
BZT03C51
48
51
54
25
60
10
0.07
0.12
1.0
39
70.8
4.2
5.0
43
BZT03C56
52
56
60
25
60
10
0.07
0.12
1.0
43
78.6
3.8
5.0
47
BZT03C62
58
62
66
25
80
10
0.08
0.13
1.0
47
86.5
3.5
5.0
51
BZT03C68
64
68
72
25
80
10
0.08
0.13
1.0
51
94.4
3.2
5.0
56
BZT03C75
70
75
79
30
100
10
0.08
0.13
1.0
56
103.5
2.9
5.0
62
BZT03C82
77
82
87
30
100
10
0.08
0.13
1.0
62
114
2.6
5.0
68
BZT03C91
85
91
96
60
200
5.0
0.09
0.13
1.0
68
126
2.4
5.0
75
BZT03C100
94
100
106
60
200
5.0
0.09
0.13
1.0
75
139
2.2
5.0
82
BZT03C110
104
110
116
80
250
5.0
0.09
0.13
1.0
82
152
2.0
5.0
91
BZT03C120
114
120
127
80
250
5.0
0.09
0.13
1.0
91
167
1.8
5.0
100
BZT03C130
124
130
141
110
300
5.0
0.09
0.13
1.0
100
185
1.6
5.0
110
BZT03C150
138
150
156
130
300
5.0
0.09
0.13
1.0
110
204
1.5
5.0
120
BZT03C160
153
160
171
150
350
5.0
0.09
0.13
1.0
120
224
1.3
5.0
130
BZT03C180
168
180
191
180
400
5.0
0.09
0.13
1.0
130
249
1.2
5.0
150
BZT03C200
188
200
212
200
500
5.0
0.09
0.13
1.0
150
276
1.1
5.0
160
BZT03C220
208
220
233
350
750
2.0
0.09
0.13
1.0
160
305
1.0
5.0
180
BZT03C240
228
240
256
400
850
2.0
0.09
0.13
1.0
180
336
0.9
5.0
200
BZT03C270
251
270
289
450
1000
2.0
0.09
0.13
1.0
200
380
0.8
5.0
220
(1)10/1000 exp.falling pulse tp=1000µs down to 50%
(2)Stand-off voltage=recommended suplly voltage.
Zener Voltage
Range
(2)
Type
VZ@IZT
V
Reverse
Leakage
Current
Clamping
rzj@IZT,
f=1kHZ
Dynamic
Resistance
%/K
Stand-off
V(CL)R
1)
@ IRMS
IR@VR
2)
Temperature
Coefficient
of Zener Voltage
αVZ@IZT
BZT03 Series
Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn