Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC0801S040 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ADC0801S040
Description  Single 8 bits ADC, up to 40 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC0801S040 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ADC0801S040 Datasheet HTML 6Page - Integrated Device Technology ADC0801S040 Datasheet HTML 7Page - Integrated Device Technology ADC0801S040 Datasheet HTML 8Page - Integrated Device Technology ADC0801S040 Datasheet HTML 9Page - Integrated Device Technology ADC0801S040 Datasheet HTML 10Page - Integrated Device Technology ADC0801S040 Datasheet HTML 11Page - Integrated Device Technology ADC0801S040 Datasheet HTML 12Page - Integrated Device Technology ADC0801S040 Datasheet HTML 13Page - Integrated Device Technology ADC0801S040 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
3ADC0801S040_3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
10 of 18
Integrated Device Technology
ADC0801S040
Single 8 bits ADC, up to 40 MHz
sample N + 1
sample N
CLK
014aaa508
sample N + 2
sample N + 1
sample N
sample N + 2
50 %
VI
DATA
D0 to D7
VDDO
0 V
50 %
DATA
N + 1
DATA
N
DATA
N
− 1
DATA
N
− 2
td(o)
tw(clk)H
tw(clk)L
td(s)
th(o)
Fig 4. Timing diagram


Similar Part No. - ADC0801S040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
ADC0801S040 RENESAS-ADC0801S040 Datasheet
514Kb / 22P
   Single 8-bit ADC, up to 125 MHz or 250 MHz
2 July 2012
logo
NXP Semiconductors
ADC0801S040TS NXP-ADC0801S040TS Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
More results

Similar Description - ADC0801S040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
   Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
logo
Renesas Technology Corp
ADC0801S040 RENESAS-ADC0801S040 Datasheet
423Kb / 18P
   Single 8 bits ADC, up to 40 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com