Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7964ARHBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7964ARHBR
Description  MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF7964ARHBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TRF7964ARHBR Datasheet HTML 4Page - Texas Instruments TRF7964ARHBR Datasheet HTML 5Page - Texas Instruments TRF7964ARHBR Datasheet HTML 6Page - Texas Instruments TRF7964ARHBR Datasheet HTML 7Page - Texas Instruments TRF7964ARHBR Datasheet HTML 8Page - Texas Instruments TRF7964ARHBR Datasheet HTML 9Page - Texas Instruments TRF7964ARHBR Datasheet HTML 10Page - Texas Instruments TRF7964ARHBR Datasheet HTML 11Page - Texas Instruments TRF7964ARHBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
TRF7964A
SLOS787A – MAY 2012 – REVISED JUNE 2012
www.ti.com
3
Electrical Specifications
3.1
Absolute Maximum Ratings
(1) (2)
over operating free-air temperature range (unless otherwise noted)
VIN
Input voltage range
-0.3 V to 6 V
IIN
Maximum current VIN
150 mA
HBM (Human-Body Model)
2 kV
ESD
Electrostatic discharge rating
CDM (Charged-Device Model)
500 V
MM (Machine Model)
200 V
Any condition
140°C
TJ
Maximum operating virtual junction temperature
Continuous operation, long-term reliability (3)
125°C
TSTG
Storage temperature range
-55°C to 150°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Operating Conditions are not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to substrate ground terminal VSS.
(3)
The maximum junction temperature for continuous operation is limited by package constraints. Operation above this temperature may
result in reduced reliability or lifetime of the device.
3.2
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN
Operating input voltage
2.7
5
5.5
V
TA
Operating ambient temperature
-40
25
110
°C
TJ
Operating virtual junction temperature
-40
25
125
°C
3.3
Dissipation Ratings
POWER RATING(2)
PACKAGE
θJC
θJC
(1)
TA ≤ 25°C
TA ≤ 85°C
RHB (32 pin)
31°C/W
36.4°C/W
2.7 W
1.1 W
(1)
This data was taken using the JEDEC standard high-K test PCB.
(2)
Power rating is determined with a junction temperature of 125°C. This is the point where distortion starts to increase substantially.
Thermal management of the final PCB should strive to keep the junction temperature at or below 125°C for best performance and long-
term reliability.
8
Electrical Specifications
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TRF7964A


Similar Part No. - TRF7964ARHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7964A TI1-TRF7964A Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
More results

Similar Description - TRF7964ARHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
[Old version datasheet]   13.56 MHz RFID Protocol on Stellaris짰
logo
ams AG
AS3909 AMSCO-AS3909 Datasheet
576Kb / 77P
   13.56 MHz RFID Reader IC, ISO-14443 A/B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com