Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65070TRSLRQ1 Datasheet(PDF) 62 Page - Texas Instruments

Part # TPS65070TRSLRQ1
Description  Single Chip Power Solution for Battery Powered Systems
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65070TRSLRQ1 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TPS65070TRSLRQ1 Datasheet HTML 58Page - Texas Instruments TPS65070TRSLRQ1 Datasheet HTML 59Page - Texas Instruments TPS65070TRSLRQ1 Datasheet HTML 60Page - Texas Instruments TPS65070TRSLRQ1 Datasheet HTML 61Page - Texas Instruments TPS65070TRSLRQ1 Datasheet HTML 62Page - Texas Instruments TPS65070TRSLRQ1 Datasheet HTML 63Page - Texas Instruments TPS65070TRSLRQ1 Datasheet HTML 64Page - Texas Instruments TPS65070TRSLRQ1 Datasheet HTML 65Page - Texas Instruments TPS65070TRSLRQ1 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
TPS65070-Q1, TPS65072-Q1, TPS65073-Q1, TPS650732-Q1
SLVSAP7 – JANUARY 2011
www.ti.com
WLED_CTRL1. Register Address: 18h
WLED_CTRL1
B7
B6
B5
B4
B3
B2
B1
BO
Enable
Dimming
Dimming
Bit name and function
ISINK
frequency1
frequency0
Default
0
0
0
1
0
0
0
0
Default value loaded by:
UVLO
UVLO
UVLO
Read/write
R/W
R
R/W
R/W
R
R
R
R
Bit 7
ENABLE ISINK:
0 = both current sinks are turned OFF, the wLED boost converter is disabled
1 = both current sinks are turned on, the wLED boost converter is enabled
Bit 5..4
DIMMING FREQUENCY 0/1:
00 = 100 Hz
01 = 200 Hz
10 = 500 Hz
11 = 1000 Hz
WLED_CTRL2. Register Address: 19h
WLED_CTRL2
B7
B6
B5
B4
B3
B2
B1
BO
Current
LED DUTY
LED DUTY
LED DUTY
LED DUTY
LED DUTY
LED DUTY
LED DUTY
Bit name and function
level
CYCLE_6
CYCLE_5
CYCLE_4
CYCLE_3
CYCLE_2
CYCLE_1
CYCLE_0
Default
0
0
0
1
1
1
1
0
Default value loaded by:
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
UVLO
Read/write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit 7
CURRENT LEVEL:
0 = current defined with resistor connected from ISET2 to GND
1 = current defined with resistor connected from ISET1 to GND
Bit 6..0
sets the duty cycle for PWM dimming from 1% (0000000) to 100% (1100011).
Values above 1100011 set the duty cycle to 0 %; default is 30% duty cycle
62
Submit Documentation Feedback
Copyright © 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS65070-Q1 TPS65072-Q1 TPS65073-Q1 TPS650732-Q1


Similar Part No. - TPS65070TRSLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070TRSLRQ1 TI1-TPS65070TRSLRQ1 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results

Similar Description - TPS65070TRSLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI1-TPS65070_15 Datasheet
2Mb / 98P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65070 TI-TPS65070 Datasheet
1Mb / 89P
[Old version datasheet]   Single Chip Power Solution for Navigation Systems
TPS65471 TI1-TPS65471 Datasheet
851Kb / 32P
[Old version datasheet]   SINGLE-CHIP POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com