Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV374ATRGYR Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74LV374ATRGYR
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV374ATRGYR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LV374ATRGYR Datasheet HTML 1Page - Texas Instruments SN74LV374ATRGYR Datasheet HTML 2Page - Texas Instruments SN74LV374ATRGYR Datasheet HTML 3Page - Texas Instruments SN74LV374ATRGYR Datasheet HTML 4Page - Texas Instruments SN74LV374ATRGYR Datasheet HTML 5Page - Texas Instruments SN74LV374ATRGYR Datasheet HTML 6Page - Texas Instruments SN74LV374ATRGYR Datasheet HTML 7Page - Texas Instruments SN74LV374ATRGYR Datasheet HTML 8Page - Texas Instruments SN74LV374ATRGYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN74LV374AT
SCES632 – JUNE 2010
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = –40°C
TA = –40°C
TA = 25°C
to 85°C
to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –50 mA
4.5 V
4.4
4.5
4.4
4.4
VOH
V
IOH = –16 mA
4.5 V
3.8
3.8
3.8
IOL = 50 mA
4.5 V
0
0.1
0.1
0.1
VOL
V
IOL = 16 mA
4.5 V
0.55
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±0.1
±1
±1
mA
IOZ
VO = VCC or GND
5.5 V
±0.25
±2.5
±2.5
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
2
20
20
mA
One input at 3.4 V,
ΔICC
(1)
5.5 V
40
50
50
mA
Other inputs at VCC or GND
Ioff
VI or VO = 0 to 5.5 V
0
0.5
5
5
mA
Ci
VI = VCC or GND
4
pF
(1)
This is the increase in supply current for each input at one of the specified TTL voltage levels rather than 0 V or VCC.
TIMING REQUIREMENTS
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C
TA = –40°C
TA = 25°C
LOAD
to 85°C
to 125°C
UNIT
CAPACITANCE
MIN
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
90
80
70
fclock
Clock frequency
MHz
CL = 50 pF
85
75
65
tw
Pulse duration, CLK high or low
6.5
8.5
8.5
ns
tsu
Setup time, data before CLK
2.5
2.5
5
ns
th
Hold time, data after CLK
2.5
2.5
2.5
ns
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = –40°C
TA = –40°C
TA = 25°C
FROM
TO
LOAD
to 85°C
to 125°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CL = 15 pF
90
140
80
70
fmax
MHz
CL = 50 pF
85
150
75
65
tpd
CLK
Q
3
4.9
8.1
1
10.5
1
11
ten
OE
Q
CL = 15 pF
3.2
4.6
7.6
1
11.5
1
12
ns
tdis
OE
Q
1.7
3.4
6.8
1
8
1
9
tpd
CLK
Q
4.2
5.9
10.1
1
11.5
1
13
ten
OE
Q
4.5
5.5
9.6
1
12.5
1
13
CL = 50 pF
ns
tdis
OE
Q
2.4
4
8.8
1
12
1
12.5
tsk(o)
1
1
1
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN74LV374AT


Similar Part No. - SN74LV374ATRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV374ATRGYR TI-SN74LV374ATRGYR Datasheet
847Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74LV374ATRGYRG4 TI-SN74LV374ATRGYRG4 Datasheet
847Kb / 20P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV374ATRGYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11374 TI-74AC11374 Datasheet
116Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOP WITH 3-STATE OUTPUTS
SN74F574 TI-SN74F574 Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
74ACT11374 TI1-74ACT11374_15 Datasheet
855Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-Q1 TI1-SN74LV374A-Q1 Datasheet
199Kb / 11P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LV374A-EP TI1-SN74LV374A-EP Datasheet
446Kb / 10P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN64BCT374 TI1-SN64BCT374 Datasheet
77Kb / 4P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74ALS576A FAIRCHILD-DM74ALS576A Datasheet
57Kb / 6P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
DM74ALS576A FAIRCHILD-DM74ALS576A_04 Datasheet
73Kb / 7P
   Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs
logo
Texas Instruments
SN74LVC374A-EP TI1-SN74LVC374A-EP Datasheet
581Kb / 13P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC574A-EP TI1-SN74LVC574A-EP Datasheet
412Kb / 9P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com