Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4052AQPWRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4052AQPWRQ1
Description  DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4052AQPWRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV4052AQPWRQ1 Datasheet HTML 2Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 3Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 4Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 5Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 6Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 7Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 8Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 9Page - Texas Instruments SN74LV4052AQPWRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SN74LV4052A-Q1
SCLS469D
– MARCH 2003 – REVISED JUNE 2011
www.ti.com
ANALOG SWITCH CHARACTERISTICS
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
CL = 50 pF,
2.3 V
30
Frequency response
RL = 600 Ω,
3 V
35
COM or Y
Y or COM
MHz
(switch on)
fin = 1 MHz (sine wave)
(1)
4.5 V
50
(see Figure 6)
CL = 50 pF,
2.3 V
–45
Crosstalk
RL = 600 Ω,
3 V
–45
(between any
COM or Y
Y or COM
dB
fin = 1 MHz (sine wave)
switches))
4.5 V
–45
(seeFigure 7 )
CL = 50 pF,
2.3 V
20
Crosstalk
RL = 600 Ω,
3 V
35
(control input to signal
INH
COM or Y
mV
fin = 1 MHz (square wave)
output)
4.5 V
65
(see Figure 8)
CL = 50 pF,
2.3 V
–45
Feedthrough
RL = 600 Ω,
3 V
–45
attenuation
COM or Y
Y or COM
dB
fin = 1 MHz
(2)
(switch off)
4.5 V
–45
(see Figure 9)
CL = 50 pF,
VI = 2 Vp-p
2.3 V
0.1
RL = 10 kΩ,
VI = 2.5 Vp-p
3 V
0.1
Sine-wave distortion
COM or Y
Y or COM
fin = 1 kHz (sine
%
wave)
VI = 4 Vp-p
4.5 V
0.1
(see Figure 10)
(1)
Adjust fin voltage to obtain 0-dBm output. Increase fin frequency until dB meter reads −3 dB.
(2)
Adjust fin voltage to obtain 0-dBm input.
OPERATING CHARACTERISTICS
VCC = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF, f = 10 MHz
11.8
pF
6
Copyright
© 2003–2011, Texas Instruments Incorporated


Similar Part No. - SN74LV4052AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4052A TI-SN74LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4052A TI-SN74LV4052A Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results

Similar Description - SN74LV4052AQPWRQ1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A_101 TI-SN54LV4052A_101 Datasheet
803Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A Datasheet
170Kb / 20P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052 Datasheet
157Kb / 12P
   Dual 4-channel Analog Multiplexers/Demultiplexers
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_10 Datasheet
673Kb / 22P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
U74LV4052 UTC-U74LV4052_15 Datasheet
307Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4052A TI-SN54LV4052A_08 Datasheet
945Kb / 24P
[Old version datasheet]   DUAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4052A TI-SN54LV4052A_07 Datasheet
915Kb / 24P
[Old version datasheet]   DEAL 4-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Hitachi Semiconductor
HD74HC4052 HITACHI-HD74HC4052 Datasheet
82Kb / 16P
   Dual 4-channel, Triple 2-channel Analog Multiplexers/Demultiplexers/
logo
Unisonic Technologies
4052 UTC-4052_12 Datasheet
255Kb / 6P
   DIFFERENTIAL 4-CHANNEL ANALOG MULTIPLEXERS DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com