Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPR40-2415D Datasheet(PDF) 1 Page - Recom International Power

Part # RPR40-2415D
Description  40 Watt Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR40-2415D Datasheet(HTML) 1 Page - Recom International Power

  RPR40-2415D Datasheet HTML 1Page - Recom International Power RPR40-2415D Datasheet HTML 2Page - Recom International Power RPR40-2415D Datasheet HTML 3Page - Recom International Power RPR40-2415D Datasheet HTML 4Page - Recom International Power RPR40-2415D Datasheet HTML 5Page - Recom International Power RPR40-2415D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
POWERLINE+
Railway-Converter
with 3 year Warranty
RPR40
www.recom-international.com
RPR-21
REV: 2/2012
40 Watt
Single &
Dual Output
G
Tx Temperature Range without Derating
G
120°C Maximum Case Temperature
G
-45°C Minimum Operating Temperature
G
EN 50155 Compliant
G
EN 50121-3-2 Compliant
G
CE Marked
G
24, 48 and 110VDC Input Ranges
G
Six Sided Shielded Enclosure
G
Flat, Ribbed or Baseplate Case Styles
G
Efficiency to >89%
G
Isolated and Fully Protected Outputs
G
Low Quiescent Current
Features
ICE
Technology*
Selection Guide 24V, 48V and 110V Input Types
Part Number
Nominal
Nom. Input
Lockout
Output
Output
Input
Range
Voltage
Voltage
Current
VDC
VDC
VDC
VDC
mA
RPR40-243.3S**
24
12-36V
8.5V
3.3
12100
RPR40-2405S**
24
12-36V
8.5V
5
8000
RPR40-2412S**
24
12-36V
8.5V
12
3300
RPR40-2415S**
24
12-36V
8.5V
15
2670
RPR40-2424S**
24
12-36V
8.5V
24
1670
RPR40-483.3S**
48
25-75
17.5
3.3
12100
RPR40-4805S**
48
25-75
17.5
5
8000
RPR40-4812S**
48
25-75
17.5
12
3300
RPR40-4815S**
48
25-75
17.5
15
2670
RPR40-4824S**
48
25-75
17.5
24
1670
RPR40-1103.3S**
110
40-160
36
3.3
12100
RPR40-11005S**
110
40-160
36
5
8000
RPR40-11012S**
110
40-160
36
12
3300
RPR40-11015S**
110
40-160
36
15
2670
RPR40-11024S**
110
40-160
36
24
1670
RPR40-2412D**
24
12-36V
8.5V
±12
±1670
RPR40-2415D**
24
12-36V
8.5V
±15
±1330
RPR40-2424D**
24
12-36V
8.5V
±24
±830
RPR40-4812D**
48
25-75
17.5
±12
±1670
RPR40-4815D**
48
25-75
17.5
±15
±1330
RPR40-4824D**
48
25-75
17.5
±24
±830
RPR40-11012D**
110
40-160
36
±12
±1330
RPR40-11015D**
110
40-160
36
±15
±1330
RPR40-11024D**
110
40-160
36
±24
±830
** add suffix “-F“ for low profile Flat case or “-B“ for Baseplate case and no suffix is the Ribbed case.
add “1“ before suffix for neg. CTRL logic e.g. -1, -1B, -1F, etc.
Description
RoHS
2002/95/EC
6/6
EN-50155 Certified
EN-60950 Certified
The RPR40 series DC/DC converters are designed for railway rolling stock applications.
Besides covering all the input voltages from 24VDC up to 110VDC, the converters have a
very wide operating temperature range of -45°C to +85°C. Although the case size is very
compact, the converter contains a built-in EMI filter, so no active external filter components
are required. The RPR40 is available in three case styles: a low profile flat top case, a ribbed
case with a built-in heatsink and the baseplate case for high vibration or bulkhead-mounting
applications. They are EN 50155 and EN 50121-3-2 compliant.
* ICE Technology
ICE (Innovation in Converter
Excellence) uses state-of-
the-art techniques to
minimise internal power
dissipation and to increase
the internal temperature
limits to extend the am-
bient operating temperature
range to the maximum.
Refer to Application Notes


Similar Part No. - RPR40-2415D

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RPR ITT-RPR Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
logo
DB Lectro Inc
RPR-02-B DBLECTRO-RPR-02-B Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RPR-02-K DBLECTRO-RPR-02-K Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RPR-02-R DBLECTRO-RPR-02-R Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RPR-03-B DBLECTRO-RPR-03-B Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
More results

Similar Description - RPR40-2415D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
   40 Watt Single Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com