Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPR20-4812D Datasheet(PDF) 4 Page - Recom International Power

Part # RPR20-4812D
Description  Railway-Converter with 3 year Warranty
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR20-4812D Datasheet(HTML) 4 Page - Recom International Power

  RPR20-4812D Datasheet HTML 1Page - Recom International Power RPR20-4812D Datasheet HTML 2Page - Recom International Power RPR20-4812D Datasheet HTML 3Page - Recom International Power RPR20-4812D Datasheet HTML 4Page - Recom International Power RPR20-4812D Datasheet HTML 5Page - Recom International Power RPR20-4812D Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RPR-4
www.recom-electronic.com
REV: 2/2012
POWERLINE+
DC/DC-Converter
RPR20-S_D
Series
Typical Application Circuit
Vin+
UR1
Vin-
C1
C2
D1
L1
DUT
Load
C9
C8
Notes :
1. The ON/OFF pin voltage is referenced to negative input. The pin is pulled high internally.
ON/OFF control is standard with positive logic: e.g. RPR20-2405S, RPR20-4805D-B.
Add “1” before the suffix for negative logic: e.g. RPR20-2405S-1, RPR20-11005D-1B.
Positive logic: 0= OFF, 1 = ON. The converter will be ON if the CTRL is left open.
Negative logic: 1 = OFF, 0 = ON. The converter will be OFF if the CTRL is left open..
2. To ensure a good all-round electrical contact, the baseplate is pressed firmly into place within the aluminium housing.The hydraulic
press can leave tooling marks and deformations to both the housing and baseplate. The case is anodised aluminium, so there will be
natural variations in the case colour and the aluminium is not scratch resistant. Any resultant marks, scratches and colour varations are
cosmetic only and do not affect the operation or performance of the converters.
3. The converter is supplied with a protective adhesive tape to keep the top surface clean. The tape is heat resistant and the converter can
be soldered into place without removing the tape. The tape should be removed just before final installation.
Table
Module
Standard
UR1
D1
C1
L1
C2
C8,C9
24V
EN55011 Class A
MOV
14D361K
100V/3A
685pF/50V
550µH±20%
680uF/250V 472pF/3kV
48V
EN55011 Class A
MOV
14D361K
100V/3A
225pF/100V
550µH±20%
680uF/250V 472pF/3kV
110V
EN55011 Class A
MOV
14D361K
100V/3A
474pF/250V 1200µH±20% 680uF/250V 472pF/3kV
EN50155 / NF F 01-510 Input Filter


Similar Part No. - RPR20-4812D

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RPR24A-01KT ITT-RPR24A-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24B-01KT ITT-RPR24B-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24C-01KT ITT-RPR24C-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24D-01KT ITT-RPR24D-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24N-01KT ITT-RPR24N-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
More results

Similar Description - RPR20-4812D

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04 RECOM-RAC04 Datasheet
571Kb / 3P
   AC/DC-Converter with 3 year Warranty
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
   AC/DC-Converter with 5 year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
   Three year product warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
   500W 2 year warranty
logo
Fujitsu Component Limit...
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
   Seven year compressor warranty
logo
Recom International Pow...
RACM40 RECOM-RACM40 Datasheet
585Kb / 6P
   Long 5 Year Warranty
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
   Long 5 Year Warranty
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com