Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPR20-1103.3S Datasheet(PDF) 3 Page - Recom International Power

Part # RPR20-1103.3S
Description  Railway-Converter with 3 year Warranty
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR20-1103.3S Datasheet(HTML) 3 Page - Recom International Power

  RPR20-1103.3S Datasheet HTML 1Page - Recom International Power RPR20-1103.3S Datasheet HTML 2Page - Recom International Power RPR20-1103.3S Datasheet HTML 3Page - Recom International Power RPR20-1103.3S Datasheet HTML 4Page - Recom International Power RPR20-1103.3S Datasheet HTML 5Page - Recom International Power RPR20-1103.3S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.recom-international.com
RPR-3
REV: 2/2012
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE+
DC/DC-Converter
RPR20-S_D
Series
Potting Material
Silicone (UL94-V0)
Weight
Flat Case
22g
Ribbed Case
26g
Baseplate Case
43g
Packing Quantity
Flat, Ribbed Case
4 pcs per Tube
Baseplate Case
Single packed
Safety Standards
CE Marked
certified to EN-60950-1, 1st Edition
Thermal Performance
Cold
-40°C /16 Hours
Dry Heat, Operating
-40°C/+85°C/ 5 Cycles
complies to EN50155: 12.2.3/4/5
Damp Heat,Cyclic
+25°C/+55°C, 95%RH / 2 x 24 Hours
Vibration, Shock & Bump (complies with EN61373, Category 1 Class B)
Vibration
5-150Hz, X:0.7m/s², Y:0.45m/s², Z:1m/s², 30 mins
Shock
5g/30ms/18 shocks
Input Filter
Built-in Pi Filter
Conducted Emissions
EN50121-3-2
Class A
Radiated Emissions
EN50121-3-2
Class A
ESD
EN50121-3-2
Perf. Criteria B
Radiated Immunity
EN50121-3-2
Perf. Criteria A
Fast Transient
EN50121-3-2
Perf. Criteria A
Surge
EN50121-3-2
Perf. Criteria B
Conducted Immunity
EN50121-3-2
Perf. Criteria A
MTBF calculated according to BELLCORE TR-NWT-000332 Case l: 50% Stress, Temperature at 50°C (Ground Benign)
2195 x 103 hours
Recommended PCB Layout
Single Output
Dual Output
Baseplate Case- suggested PCB layout
Dual Output
Single Output
Ribbed and Flat Case
Input Fuse is recommended,
but optional. Recommended
fuse rating = double maximum
input current, time delay type.
To ensure optimum thermal
performance, use large areas
of copper on the PCB to assist
with heat dissipation and
mount the converter vertically.


Similar Part No. - RPR20-1103.3S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RPR24A-01KT ITT-RPR24A-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24B-01KT ITT-RPR24B-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24C-01KT ITT-RPR24C-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24D-01KT ITT-RPR24D-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
RPR24N-01KT ITT-RPR24N-01KT Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
More results

Similar Description - RPR20-1103.3S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC04 RECOM-RAC04 Datasheet
571Kb / 3P
   AC/DC-Converter with 3 year Warranty
RACD30 RECOM-RACD30 Datasheet
101Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
   AC/DC-Converter with 5 year Warranty
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
   AC/DC-Converter with 5 year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
   Three year product warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
   500W 2 year warranty
logo
Fujitsu Component Limit...
ASU9RLF FUJITSU-ASU9RLF Datasheet
64Kb / 1P
   Seven year compressor warranty
logo
Recom International Pow...
RACM40 RECOM-RACM40 Datasheet
585Kb / 6P
   Long 5 Year Warranty
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
   Long 5 Year Warranty
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com