Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPR40-4805S Datasheet(PDF) 4 Page - Recom International Power

Part # RPR40-4805S
Description  40 Watt Single & Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPR40-4805S Datasheet(HTML) 4 Page - Recom International Power

  RPR40-4805S Datasheet HTML 1Page - Recom International Power RPR40-4805S Datasheet HTML 2Page - Recom International Power RPR40-4805S Datasheet HTML 3Page - Recom International Power RPR40-4805S Datasheet HTML 4Page - Recom International Power RPR40-4805S Datasheet HTML 5Page - Recom International Power RPR40-4805S Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
RPR-24
www.recom-electronic.com
REV:2/2012
POWERLINE+
DC/DC-Converter
RPR40-S_D
Series
Typical Application Circuit
Vin+
UR1
Vin-
C1
C2
D1
L1
DUT
Load
C9
C8
EN50155 / NF F 01-510 Input Filter
Notes :
1. The ON/OFF pin voltage is referenced to negative input. The pin is pulled high internally.
ON/OFF control is standard with positive logic: e.g. RPR20-2405S, RPR20-4805D-B.
Add “1” before the suffix for negative logic: e.g. RPR20-2405S-1, RPR20-11005D-1B.
Positive logic: 0= OFF, 1 = ON. The converter will be ON if the CTRL is left open.
Negative logic: 1 = OFF, 0 = ON. The converter will be OFF if the CTRL is left open..
2. To ensure a good all-round electrical contact, the baseplate is pressed firmly into place within the aluminium housing.The hydraulic
press can leave tooling marks and deformations to both the housing and baseplate. The case is anodised aluminium, so there will be
natural variations in the case colour and the aluminium is not scratch resistant. Any resultant marks, scratches and colour varations are
cosmetic only and do not affect the operation or performance of the converters.
3. The converter is supplied with a protective adhesive tape to keep the top surface clean. The tape is heat resistant and the converter can
be soldered into place without removing the tape. The tape should be removed just before final installation.
Table
Module
Standard
UR1
D1
C1
L1
C2
C8,C9
24V
EN55011 Class A
MOV
14D361K
100V/3A
685pF/50V
550µH±20%
680uF/250V 472pF/3kV
48V
EN55011 Class A
MOV
14D361K
100V/3A
225pF/100V
550µH±20%
680uF/250V 472pF/3kV
110V
EN55011 Class A
MOV
14D361K
100V/3A
474pF/250V 1200µH±20% 680uF/250V 472pF/3kV


Similar Part No. - RPR40-4805S

ManufacturerPart #DatasheetDescription
logo
ITT Industries
RPR ITT-RPR Datasheet
3Mb / 8P
   RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
logo
DB Lectro Inc
RPR-02-B DBLECTRO-RPR-02-B Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RPR-02-K DBLECTRO-RPR-02-K Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RPR-02-R DBLECTRO-RPR-02-R Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
RPR-03-B DBLECTRO-RPR-03-B Datasheet
314Kb / 2P
   PIANO TYPE DIP SWITCH
More results

Similar Description - RPR40-4805S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
   40 Watt Single Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com