Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62402QDRCQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62402QDRCQ1
Description  2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62402QDRCQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62402QDRCQ1 Datasheet HTML 1Page - Texas Instruments TPS62402QDRCQ1 Datasheet HTML 2Page - Texas Instruments TPS62402QDRCQ1 Datasheet HTML 3Page - Texas Instruments TPS62402QDRCQ1 Datasheet HTML 4Page - Texas Instruments TPS62402QDRCQ1 Datasheet HTML 5Page - Texas Instruments TPS62402QDRCQ1 Datasheet HTML 6Page - Texas Instruments TPS62402QDRCQ1 Datasheet HTML 7Page - Texas Instruments TPS62402QDRCQ1 Datasheet HTML 8Page - Texas Instruments TPS62402QDRCQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
IOUTmA
VIN =3.6V
MODE/DATA =0
VOUT1=1.575V
VOUT2 =1.8V
V
: 1.575 V
400 mA
out1
SW1
FB 1
SW2
ADJ2
DEF_1
10 F
m
VIN 2.5 V – 6 V
VIN
EN_1
EN_2
MODE/
DATA
TPS62404
GND
2.2 H
m
10 F
m
2.2 H
m
V
: 3.3 V
600 mA
out2
10 F
m
TPS62400-Q1, TPS62401-Q1
TPS62402-Q1, TPS62403-Q1
TPS62404-Q1
www.ti.com
SLVSA67 – FEBRUARY 2010
2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
Check for Samples: TPS62404-Q1
1
FEATURES
Qualified for Automotive Applications
EasyScale™ Optional One-Pin Serial Interface
High Efficiency—Up to 95%
Power Save Mode at Light Load Currents
VIN Range From 2.5 V to 6 V
180° Out of Phase Operation
2.25-MHz Fixed Frequency Operation
Output Voltage Accuracy in PWM Mode ±1%
Output Current 400 mA and 600 mA
Typical 32-mA Quiescent Current for Both
Converters
Adjustable Output Voltage From 0.6 V to VIN
100% Duty Cycle for Lowest Dropout
Pin Selectable Output Voltage Supports
Simple Dynamic Voltage Scaling
Available in a 10-Pin QFN (3mm×3mm)
DESCRIPTION
The TPS6240x device series are synchronous dual step-down DC-DC converters optimized for battery powered
portable applications. They provide two independent output voltage rails powered by 1-cell Li-Ion or 3-cell
NiMH/NiCD batteries. The devices are also suitable to operate from a standard 3.3-V or 5-V voltage rail.
With the EasyScale™ serial interface the output voltages can be modified during operation. The fixed output
voltage versions TPS62401, TPS62402, TPS62403, and TPS62404 support one pin controlled simple Dynamic
Voltage Scaling for low power processors.
The TPS6240x operates at 2.25-MHz fixed switching frequency and enters the power save mode operation at
light load currents to maintain high efficiency over the entire load current range. For low noise applications the
devices can be forced into fixed frequency PWM mode by pulling the MODE/DATA pin high. In the shutdown
mode, the current consumption is reduced to 1.2-mA, typical. The devices allow the use of small inductors and
capacitors to achieve a small solution size.
The TPS62400 is available in a 10-pin leadless package (3mm×3mm QFN)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62402QDRCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62402QDRCRQ1 TI1-TPS62402QDRCRQ1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
More results

Similar Description - TPS62402QDRCQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com