Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62403-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62403-Q1
Description  2.25-MHz 400-mA/600-mA DUAL STEP-DOWN CONVERTER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62403-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62403-Q1 Datasheet HTML 4Page - Texas Instruments TPS62403-Q1 Datasheet HTML 5Page - Texas Instruments TPS62403-Q1 Datasheet HTML 6Page - Texas Instruments TPS62403-Q1 Datasheet HTML 7Page - Texas Instruments TPS62403-Q1 Datasheet HTML 8Page - Texas Instruments TPS62403-Q1 Datasheet HTML 9Page - Texas Instruments TPS62403-Q1 Datasheet HTML 10Page - Texas Instruments TPS62403-Q1 Datasheet HTML 11Page - Texas Instruments TPS62403-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
PowerSaveMode
MODE/DATA =0
ForcedPWMMode
MODE/DATA =1
I
mA
OUT
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
V
=1.1V
OUT1
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
PowerSaveMode
MODE/DATA =0
ForcedPWMMode
MODE/DATA =1
V
=1.575V
OUT1
I
mA
OUT
V
=2.7V
IN
V
=5V
IN
V
=3.6V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=5V
IN
TPS62400-Q1, TPS62401-Q1
TPS62402-Q1, TPS62403-Q1
TPS62404-Q1
SLVSA67 – FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
FIGURE NO.
Typical Operation VIN = 3.6V, VOUT1 = 1.575V, VOUT2 = 1.8V
28
Typical Operation VIN = 3.6V, VOUT1 = 1.8V, VOUT2 = 3.0V
29
Typical Operation VIN = 3.6V, VOUT1 = 1.2V, VOUT2 = 1.2V
30
VOUT1 Change With EasyScale
31
Dynamic Voltage Positioning
32
Soft Start
33
EasyScale™ Protocol Overview
34
EasyScale Protocol Without Acknowledge
35
EasyScale Protocol Including Acknowledge
36
EasyScale – Bit Coding
37
MODE/DATA PIN: Mode Selection
38
MODE/DATA Pin: Power Save Mode / Interface Communication
39
Typical Application Circuit 1.5V / 2.85V Adjustable Outputs, low PFM
40
voltage ripple optimized
Typical Application Circuit 1.5V / 2.85V Adjustable Outputs
41
TPS62401 Fixed 1.575V/1.8 V Outputs, low PFM voltage ripple optimized
42
TPS62401 Fixed 1.1V/1.8 V Outputs, low PFM voltage ripple optimized
43
TPS62401 Fixed 1.575V/1.8 V Outputs
44
Dynamic Voltage Scaling on Vout1 Controlled by DEF_1 pin
45
TPS62403 1.575V/2.8V Outputs
46
Layout Diagram
47
PCB Layout
48
EFFICIENCY TPS62401 VOUT1 = 1.1V
EFFICIENCY TPS62401 VOUT1 = 1.575V
Figure 1.
Figure 2.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62404-Q1


Similar Part No. - TPS62403-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62403 TI-TPS62403 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI-TPS62403 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403 TI1-TPS62403 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62403-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400-Q1 TI1-TPS62400-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   2.25-MHz 400-mA and 600-mA Dual Step-Down Converter
TPS62420-Q1 TI1-TPS62420-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 600-mA/1000-mA DUAL STEP-DOWN CONVERTER
TPS62260-Q1 TI1-TPS62260-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62260-Q1 TI1-TPS62260-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   2.25-MHz 600-mA STEP-DOWN CONVERTERS
TPS62270 TI-TPS62270_09 Datasheet
1,003Kb / 24P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_08 Datasheet
983Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270_15 Datasheet
750Kb / 25P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62270 TI-TPS62270 Datasheet
917Kb / 23P
[Old version datasheet]   2.25 MHz 400-mA Step Down Converter With Selectable VOUT
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com