Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62366A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62366A
Description  4A Processor Supply with I2C Compatible Interface and Remote Sense
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62366A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62366A Datasheet HTML 7Page - Texas Instruments TPS62366A Datasheet HTML 8Page - Texas Instruments TPS62366A Datasheet HTML 9Page - Texas Instruments TPS62366A Datasheet HTML 10Page - Texas Instruments TPS62366A Datasheet HTML 11Page - Texas Instruments TPS62366A Datasheet HTML 12Page - Texas Instruments TPS62366A Datasheet HTML 13Page - Texas Instruments TPS62366A Datasheet HTML 14Page - Texas Instruments TPS62366A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
0
10
20
30
40
50
60
70
80
90
100
1m
10m
100m
1
4
Output Current (A)
Forced PWM, VIN = 2.8V
Forced PWM, VIN = 3.6V
Forced PWM, VIN = 4.2V
Auto PFM/PWM, VIN = 2.8V
Auto PFM/PWM, VIN = 3.6V
Auto PFM/PWM, VIN = 4.2V
TPS62366x
VOUT = 0.9V
TA = 25°C
G003
0
10
20
30
40
50
60
70
80
90
100
1m
10m
100m
1
4
Output Current (A)
Forced PWM, VIN = 2.8V
Forced PWM, VIN = 3.6V
Forced PWM, VIN = 4.2V
Auto PFM/PWM, VIN = 2.8V
Auto PFM/PWM, VIN = 3.6V
Auto PFM/PWM, VIN = 4.2V
TPS62366x
VOUT = 0.6V
TA = 25°C
G004
0
10
20
30
40
50
60
70
80
90
100
1m
10m
100m
1
4
Output Current (A)
Forced PWM, VIN = 2.8V
Forced PWM, VIN = 3.6V
Forced PWM, VIN = 4.2V
Auto PFM/PWM, VIN = 2.8V
Auto PFM/PWM, VIN = 3.6V
Auto PFM/PWM, VIN = 4.2V
TPS62366x
VOUT = 1.5V
TA = 25°C
G001
0
10
20
30
40
50
60
70
80
90
100
1m
10m
100m
1
4
Output Current (A)
Forced PWM, VIN = 2.8V
Forced PWM, VIN = 3.6V
Forced PWM, VIN = 4.2V
Auto PFM/PWM, VIN = 2.8V
Auto PFM/PWM, VIN = 3.6V
Auto PFM/PWM, VIN = 4.2V
TPS62366x
VOUT = 1.2V
TA = 25°C
G002
TPS62366A, TPS62366B
www.ti.com
SLUSAX3 – JULY 2012
TYPICAL CHARACTERISTICS (continued)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
VOUT = 1.5V
VOUT = 1.2V
Figure 3.
Figure 4.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
VOUT = 0.9V
VOUT = 0.6V
Figure 5.
Figure 6.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62366A TPS62366B


Similar Part No. - TPS62366A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62360 TI-TPS62360 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
More results

Similar Description - TPS62366A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62360 TI1-TPS62360 Datasheet
1Mb / 51P
[Old version datasheet]   Processor Supply with I2C Compatible Interface and Remote Sense
MAY2011
TPS62360_1108 TI-TPS62360_1108 Datasheet
1Mb / 52P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI-TPS62360_15 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_17 Datasheet
1Mb / 56P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
TPS62360 TI1-TPS62360_12 Datasheet
1Mb / 53P
[Old version datasheet]   3A Processor Supply with I2C Compatible Interface and Remote Sense
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
logo
Texas Instruments
INA226 TI1-INA226_15 Datasheet
1Mb / 38P
[Old version datasheet]   Bi-Directional Current and Power Monitor with I2C Compatible Interface
logo
Maxim Integrated Produc...
MAX6650 MAXIM-MAX6650_10 Datasheet
241Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 4; 7/10
MAX6650 MAXIM-MAX6650_12 Datasheet
284Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com