Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61222DCKT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61222DCKT
Description  LOW INPUT VOLTAGE STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61222DCKT Datasheet(HTML) 5 Page - Texas Instruments

  TPS61222DCKT Datasheet HTML 1Page - Texas Instruments TPS61222DCKT Datasheet HTML 2Page - Texas Instruments TPS61222DCKT Datasheet HTML 3Page - Texas Instruments TPS61222DCKT Datasheet HTML 4Page - Texas Instruments TPS61222DCKT Datasheet HTML 5Page - Texas Instruments TPS61222DCKT Datasheet HTML 6Page - Texas Instruments TPS61222DCKT Datasheet HTML 7Page - Texas Instruments TPS61222DCKT Datasheet HTML 8Page - Texas Instruments TPS61222DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Current
Sensor
Gate
Driver
Device
Control
GND
EN
FB
VOUT
L
VREF
VIN
Device
Control
StartUp
VIN
VOUT
PARAMETER MEASUREMENT INFORMATION
L
L
1
VIN
VOUT
FB
C
2
EN
GND
TPS6122x
VOUT
R
1
R
2
V
IN
C
1
TPS61220
TPS61221
TPS61222
www.ti.com ............................................................................................................................................................................................... SLVS776 – JANUARY 2009
FUNCTIONAL BLOCK DIAGRAM (FIXED OUTPUT VOLTAGE VERSION)
List of Components:
COMPONENT
PART NUMBER
MANUFACTURER
VALUE
REFERENCE
C1
GRM188R60J106ME84D
Murata
10
µF, 6.3V. X5R Ceramic
C2
GRM188R60J106ME84D
Murata
10
µF, 6.3V. X5R Ceramic
L1
EPL3015-472MLB
Coilcraft
4.7
µH
adjustable version: Values depending on the
programmed output voltage
R1, R2
fixed version: R1= 0 Ω, R2 not used
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS61220 TPS61221 TPS61222


Similar Part No. - TPS61222DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61222 TI-TPS61222 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6122x Low Input Voltage, 0.7V Boost Converter With 5.5關A Quiescent Current
TPS61222-EP TI1-TPS61222-EP Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222MDCKTEP TI1-TPS61222MDCKTEP Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
More results

Similar Description - TPS61222DCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV61225DCKT TI1-TLV61225DCKT Datasheet
765Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61224 TI1-TLV61224 Datasheet
775Kb / 17P
[Old version datasheet]   Single Cell High Efficient Step-Up Converter in 6 Pin SC-70 Package
MARCH2011
TLV61225 TI-TLV61225 Datasheet
826Kb / 18P
[Old version datasheet]   SINGLE CELL HIGH EFFICIENT STEP-UP CONVERTER IN 6 PIN SC-70 PACKAGE
TLV61225 TI-TLV61225_15 Datasheet
1Mb / 21P
[Old version datasheet]   TLV61225 Single-Cell High-Efficient Step-Up Converter in 6-Pin SC-70 Package
TLV61224 TI-TLV61224_15 Datasheet
1Mb / 22P
[Old version datasheet]   TLV61224 Single-Cell, High-Efficient, Step-Up Converter in 6-Pin SC-70 Package
TLV61220 TI1-TLV61220 Datasheet
1Mb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE STEP-UP CONVERTER IN THIN SOT-23 PACKAGE
TLV61220 TI-TLV61220_15 Datasheet
1Mb / 24P
[Old version datasheet]   TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
logo
Advanced Analogic Techn...
AAT1265_0606 ANALOGICTECH-AAT1265_0606 Datasheet
390Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265 Datasheet
382Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
AAT1265 ANALOGICTECH-AAT1265_07 Datasheet
339Kb / 13P
   Low Voltage 2MHz Step-Up DC/DC Converter in SC70JW Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com