Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62130RGTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62130RGTR
Description  3-17V 3A Step-Down Converter in 3x3 QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62130RGTR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62130RGTR Datasheet HTML 1Page - Texas Instruments TPS62130RGTR Datasheet HTML 2Page - Texas Instruments TPS62130RGTR Datasheet HTML 3Page - Texas Instruments TPS62130RGTR Datasheet HTML 4Page - Texas Instruments TPS62130RGTR Datasheet HTML 5Page - Texas Instruments TPS62130RGTR Datasheet HTML 6Page - Texas Instruments TPS62130RGTR Datasheet HTML 7Page - Texas Instruments TPS62130RGTR Datasheet HTML 8Page - Texas Instruments TPS62130RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS62130
TPS62131, TPS62132, TPS62133
SLVSAG7
– NOVEMBER 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
OUTPUT VOLTAGE
PART NUMBER(2)
PACKAGE
ORDERING
PACKAGE
MARKING
adjustable
TPS62130
TPS62130RGT
PTSI
1.8 V
TPS62131
TPS62131RGT
QVX
-40
°C to 85°C
16-Pin QFN
3.3 V
TPS62132
TPS62132RGT
QVY
5.0 V
TPS62133
TPS62133RGT
QVZ
(1)
For detailed ordering information please check the PACKAGE OPTION ADDENDUM section at the end of this datasheet.
(2)
Contact the factory to check availability of other fixed output voltage versions.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
AVIN, PVIN
–0.3
20
V
EN, SS/TR
–0.3
VIN+0.3
Pin voltage range(2)
SW
–0.3
VIN+0.3
V
DEF, FSW, FB, PG, VOS
–0.3
7
V
Power Good sink current PG
10
mA
Operating junction temperature range, TJ
–40
125
Temperature range
°C
Storage temperature range, Tstg
–65
150
HBM Human body model
2
kV
ESD rating(3)
CDM Charge device model
0.5
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TPS6213X
THERMAL METRIC(1)
UNITS
RGT 16 PINS
θJA
Junction-to-ambient thermal resistance
29.1
θJC(TOP)
Junction-to-case(top) thermal resistance
15
θJB
Junction-to-board thermal resistance
11
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
10
θJC(BOTTOM)
Junction-to-case(bottom) thermal resistance
3.5
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage, VIN (at AVIN and PVIN)
3
17
V
Operating free air temperature, TA
–40
85
°C
Operating junction temperature, TJ
–40
125
°C
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62130 TPS62131 TPS62132 TPS62133


Similar Part No. - TPS62130RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130RGTR TI1-TPS62130RGTR Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62130RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130_13 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130_14 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI-TPS62130_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6213x 3V-17V 3A Step-Down Converter In 3x3 QFN Package
TPS62150 TI1-TPS62150 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150 TI1-TPS62150_13 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
   3A, 17V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com