Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62141RGTR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62141RGTR
Description  3-V to 17-V 2-A Step-Down Converter in 3-mm3-mm QFN Package
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62141RGTR Datasheet(HTML) 1 Page - Texas Instruments

  TPS62141RGTR Datasheet HTML 1Page - Texas Instruments TPS62141RGTR Datasheet HTML 2Page - Texas Instruments TPS62141RGTR Datasheet HTML 3Page - Texas Instruments TPS62141RGTR Datasheet HTML 4Page - Texas Instruments TPS62141RGTR Datasheet HTML 5Page - Texas Instruments TPS62141RGTR Datasheet HTML 6Page - Texas Instruments TPS62141RGTR Datasheet HTML 7Page - Texas Instruments TPS62141RGTR Datasheet HTML 8Page - Texas Instruments TPS62141RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
22uF
1.8V / 2A
10uF
2.2 µH
(3 .. 17)V
3.3nF
TPS62141
PVIN
AVIN
EN
SS/TR
DEF
FSW
SW
VOS
PG
FB
AGND
PGND
100k
TPS62140
TPS62141, TPS62142, TPS62143
www.ti.com
SLVSAJ0
– NOVEMBER 2011
3-V to 17-V 2-A Step-Down Converter in 3-mm
× 3-mm QFN Package
Check for Samples: TPS62140, TPS62141, TPS62142, TPS62143
1
FEATURES
DESCRIPTION
The TPS6214X family is an easy-to-use synchronous
DCS-ControlTM Topology
step-down dc-dc converter optimized for applications
Input Voltage Range: 3 V to 17 V
with high power density. A high switching frequency
Up to 2-A Output Current
of typically 2.5 MHz allows the use of small inductors
and provides fast transient response by use of the
Adjustable Output Voltage from 0.9 V to 6 V
DCS-Control
™ topology.
Pin-Selectable Output Voltage (Nominal, +5%)
With its wide operating input voltage range of 3 V to
Programmable Soft Start and Tracking
17 V, the devices are ideally suited for systems
Seamless Power-Save Mode Transition
powered from either a Li-Ion or other batteries, as
Quiescent Current of 17
µA (typ.)
well as from 12-V intermediate power rails. It
supports up to 2 A of continuous output current at
Selectable Operating Frequency
output voltages between 0.9 V and 6 V (with 100%
Power-Good Output
duty-cycle mode).
100% Duty-Cycle Mode
The output voltage start-up ramp is controlled by the
Short-Circuit Protection
soft-start pin, which allows operation as either a
Overtemperature Protection
standalone power supply or in tracking configurations.
Power sequencing is also possible by configuring the
Available in a 3-mm
× 3-mm, QFN-16 Package
enable (EN) and open-drain power-good (PG) pins.
APPLICATIONS
In power-save mode, the devices show quiescent
current of about 17
μA from VIN. Power-save mode,
Standard 12-V Rail Supplies
entered automatically and seamlessly if load is small,
POL Supply From Single or Multiple Li-Ion
maintains high efficiency over the entire load range.
Battery
In shutdown mode, the device is turned off and
Solid-State Disk Drives
shutdown current consumption is less than 2
μA.
Embedded Systems
The device, available in adjustable and fixed output
voltage versions, is packaged in a 16-pin QFN
LDO Replacement
package measuring 3 mm
× 3 mm (RGT).
Mobile PCs, Tablet, Modems, Cameras
spacing
Figure 1. Typical Application and Efficiency
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62141RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62141RGTR TI-TPS62141RGTR Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
More results

Similar Description - TPS62141RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62140 TI-TPS62140_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS6214x 3-V to 17-V 2-A Step-Down Converter in 3 횞 3 QFN Package
TPS62152-Q1 TI1-TPS62152-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   3 to 17-V 1-A Step-Down Converter in 3x3-mm QFN Package
TPS62140 TI-TPS62140_13 Datasheet
1Mb / 35P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3x3 QFN Package
TPS62590-Q1 TI1-TPS62590-Q1 Datasheet
833Kb / 25P
[Old version datasheet]   1-A Step-Down Converter in 2-mm 횞 2-mm QFN Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62816-Q1 TI-TPS62816-Q1 Datasheet
7Mb / 40P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
TPS62816-Q1 TI-TPS62816-Q1_V01 Datasheet
8Mb / 41P
[Old version datasheet]   TPS62816-Q1 2.7-V to 6-V, 6-A Automotive Step-Down Converter in 3-mm 횞 2-mm QFN Package with Wettable Flanks
DECEMBER 2021
TLV62085 TI1-TLV62085_16 Datasheet
417Kb / 22P
[Old version datasheet]   High Efficiency 3-A Step-Down Converter in 2-mm 횞 2-mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com