Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBTK6800 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CBTK6800
Description  10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTK6800 Datasheet(HTML) 4 Page - Texas Instruments

  SN74CBTK6800 Datasheet HTML 1Page - Texas Instruments SN74CBTK6800 Datasheet HTML 2Page - Texas Instruments SN74CBTK6800 Datasheet HTML 3Page - Texas Instruments SN74CBTK6800 Datasheet HTML 4Page - Texas Instruments SN74CBTK6800 Datasheet HTML 5Page - Texas Instruments SN74CBTK6800 Datasheet HTML 6Page - Texas Instruments SN74CBTK6800 Datasheet HTML 7Page - Texas Instruments SN74CBTK6800 Datasheet HTML 8Page - Texas Instruments SN74CBTK6800 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN74CBTK6800
10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
AND ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SCDS107B – APRIL 2000 – REVISED OCTOBER 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
undershoot characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOUTU
See Figures 1 and 2, and Table 1
2
VOH–0.3
V
† All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C.
Figure 1. Device Test Setup
50
VIN
VCC
VTR
R1
R2
10 pF
DUT
Figure 2. Transient Input Voltage Waveform
–2 V
5.5 V
0 V
Table 1. Device Test Conditions
PARAMETER
VALUE
UNIT
B port under test‡
See Figure 1
VIN
See Figure 2
V
tw
20
ns
tr
2
ns
tf
2
ns
R1 = R2
100
k
VTR
11
V
VCC
5.5
V
BIASV
Open
‡ Other B-port outputs are open.


Similar Part No. - SN74CBTK6800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTK16245 TI-SN74CBTK16245 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK16245DGGR TI-SN74CBTK16245DGGR Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK16245DGVR TI-SN74CBTK16245DGVR Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK16245DL TI-SN74CBTK16245DL Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK16245DLG4 TI-SN74CBTK16245DLG4 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
More results

Similar Description - SN74CBTK6800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810_02 Datasheet
90Kb / 9P
   10-bit bus switch with precharged outputs and Schottky undershoot protection
2002 Dec 13
logo
Fairchild Semiconductor
FSTU6800MTCX FAIRCHILD-FSTU6800MTCX Datasheet
192Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and ??V Undershoot Protection
FSTU6800 FAIRCHILD-FSTU6800_06 Datasheet
191Kb / 5P
   10-Bit Bus Switch with Precharged Outputs and −2V Undershoot Protection
logo
Texas Instruments
SN74CBTK16245 TI-SN74CBTK16245 Datasheet
350Kb / 12P
[Old version datasheet]   16-BIT FET BUS SWITCH WITH ACTIVE-CLAMP UNDERSHOOT-PROTECTION CIRCUIT
SN74CBTK32245 TI-SN74CBTK32245 Datasheet
274Kb / 10P
[Old version datasheet]   32 BIT FET BUS SWITCH WITH ACTIVE CLAMP UNDERSHOOT PROTECTION CIRCUIT
logo
Fairchild Semiconductor
FSTU32X800 FAIRCHILD-FSTU32X800 Datasheet
194Kb / 5P
   20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection
logo
Pericom Semiconductor C...
PI5C6801C PERICOM-PI5C6801C Datasheet
339Kb / 5P
   10-Bit Bus Switch with Precharged Outputs for Live Insertion and - 2V Undershoot Protection
logo
NXP Semiconductors
CBT6810 PHILIPS-CBT6810 Datasheet
52Kb / 8P
   10-bit bus switch with precharged outputs and Schottky undershoot protection for live insertion
1999 Apr 05
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800C TI1-SN74CBT6800C Datasheet
816Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS 5-V BUS WITCH WITH-2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com