Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAVC8T245QRHLRQ1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CAVC8T245QRHLRQ1
Description  8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CAVC8T245QRHLRQ1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CAVC8T245QRHLRQ1 Datasheet HTML 3Page - Texas Instruments CAVC8T245QRHLRQ1 Datasheet HTML 4Page - Texas Instruments CAVC8T245QRHLRQ1 Datasheet HTML 5Page - Texas Instruments CAVC8T245QRHLRQ1 Datasheet HTML 6Page - Texas Instruments CAVC8T245QRHLRQ1 Datasheet HTML 7Page - Texas Instruments CAVC8T245QRHLRQ1 Datasheet HTML 8Page - Texas Instruments CAVC8T245QRHLRQ1 Datasheet HTML 9Page - Texas Instruments CAVC8T245QRHLRQ1 Datasheet HTML 10Page - Texas Instruments CAVC8T245QRHLRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SN74AVC8T245-Q1
www.ti.com
SCES785A
– DECEMBER 2008 – REVISED JUNE 2011
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 10)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.5
0.5
14.2
0.5
13.0
0.5
12.3
0.5
12.1
A
B
ns
tPHL
2.5
0.5
14.2
0.5
13.0
0.5
12.3
0.5
12.1
tPLH
2.5
0.5
13.3
0.5
13.0
0.5
12.1
0.5
11.8
B
A
ns
tPHL
2.5
0.5
13.3
0.5
13.0
0.5
12.1
0.5
11.8
tPZH
3
0.5
17.2
0.5
17.2
0.5
17.2
0.5
17.2
OE
A
ns
tPZL
3
0.5
17.2
0.5
17.2
0.5
17.2
0.5
17.2
tPZH
4.6
0.5
19.6
0.5
17.0
0.5
14.2
0.5
13.2
OE
B
ns
tPZL
4.6
0.5
19.6
0.5
17.0
0.5
14.2
0.5
13.2
tPHZ
2.8
0.5
17.7
0.5
17.7
0.5
17.7
0.5
17.7
OE
A
ns
tPLZ
2.8
0.5
17.7
0.5
17.7
0.5
17.7
0.5
17.7
tPHZ
3.9
0.5
18.9
0.5
17.3
0.5
15.8
0.5
15.4
OE
B
ns
tPLZ
3.9
0.5
18.9
0.5
17.3
0.5
15.8
0.5
15.4
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 10)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.4
0.5
13.5
0.5
12.1
0.5
10.7
0.5
10.2
A
B
ns
tPHL
2.4
0.5
13.5
0.5
12.1
0.5
10.7
0.5
10.2
tPLH
3
0.5
13.9
0.5
12.3
0.5
10.7
0.5
10.4
B
A
ns
tPHL
3
0.5
13.9
0.5
12.3
0.5
10.7
0.5
10.4
tPZH
2.2
0.5
13.7
0.5
13.7
0.5
13.7
0.5
13.7
OE
A
ns
tPZL
2.2
0.5
13.7
0.5
13.7
0.5
13.7
0.5
13.7
tPZH
4.5
0.5
19.1
0.5
16.5
0.5
13.3
0.5
12.3
OE
B
ns
tPZL
4.5
0.5
19.1
0.5
16.5
0.5
13.3
0.5
12.3
tPHZ
1.8
0.5
14.2
0.5
14.2
0.5
14.2
0.5
14.2
OE
A
ns
tPLZ
1.8
0.5
14.2
0.5
14.2
0.5
14.2
0.5
14.2
tPHZ
3.6
0.5
17.7
0.5
16.3
0.5
14.2
0.5
12.1
OE
B
ns
tPLZ
3.6
0.5
17.7
0.5
16.3
0.5
14.2
0.5
12.1
Copyright
© 2008–2011, Texas Instruments Incorporated
7


Similar Part No. - CAVC8T245QRHLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CAVC16T245QDGVRQ1 TI1-CAVC16T245QDGVRQ1 Datasheet
222Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
CAVC2T45TDCURQ1 TI1-CAVC2T45TDCURQ1 Datasheet
665Kb / 21P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
CAVCB164245MDGGEP TI1-CAVCB164245MDGGEP Datasheet
710Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
CAVCB164245MDGGREP TI1-CAVCB164245MDGGREP Datasheet
710Kb / 17P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
CAVCB164245QDGGRQ1 TI1-CAVCB164245QDGGRQ1 Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - CAVC8T245QRHLRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC8T245_101 TI-SN74LVC8T245_101 Datasheet
905Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC16245DGGR TI-SN74LVC16245DGGR Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC138PW TI-SN74LVC138PW Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI1-SN74AVC8T245_17 Datasheet
1Mb / 31P
[Old version datasheet]   8-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and 3-State Outputs
SN74LVCH8T245 TI-SN74LVCH8T245_10 Datasheet
941Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC1G02MDRLREP TI-SN74LVC1G02MDRLREP Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC8T245 TI-SN74AVC8T245_10 Datasheet
670Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVCH8T245_101 TI-SN74LVCH8T245_101 Datasheet
875Kb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC8T245 TI-SN74LVC8T245_10 Datasheet
906Kb / 23P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC245DB TI-SN74LVC245DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com