Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP2G34DCKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G34DCKR
Description  LOW-POWER DUAL BUFFER GATE
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G34DCKR Datasheet(HTML) 1 Page - Texas Instruments

  SN74AUP2G34DCKR Datasheet HTML 1Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 2Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 3Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 4Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP2G34DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
4
2
3
2A
GND
1A
2Y
1
DCKPACKAGE
(TOP VIEW)
1Y
6
V
CC
5
2A
2Y
3
4
GND
2
5
1A
6
1
V
CC
1Y
DSFPACKAGE
(TOP VIEW)
YFP PACKAGE
(TOP VIEW)
2A
1Y
GND
5
4
2
3
1A
2Y
1
DRY PACKAGE
(TOP VIEW)
6
V
CC
2A
1A
2Y
1Y
GND
3
6
2
1
4
5
V
CC
A1
B1
C1
A2
B2
C2
(A)
Single, dual, and triple gates
Static-Power Consumption
(µA)
AUP
AUP
3.3-V
Logic
(A)
0%
20%
40%
60%
80%
100%
Dynamic-Power Consumption
(pF)
AUP
AUP
3.3-V
Logic
(A)
0%
20%
40%
60%
80%
100%
Switching Characteristics
at 25 MHz
(A)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
30
35
40
45
Time (ns)
Output
Input
(A) SN74AUP2Gxx data at C = 15 pF.
L
SN74AUP2G34
www.ti.com
SCES751B – SEPTEMBER 2009 – REVISED MARCH 2010
LOW-POWER DUAL BUFFER GATE
Check for Samples: SN74AUP2G34
1
FEATURES
Available in the Texas Instruments NanoStar™
Optimized for 3.3-V Operation
Package
3.6-V I/O Tolerant to Support Mixed-Mode
Low Static-Power Consumption:
Signal Operation
ICC = 0.9 mA Max
tpd = 4.3 ns Max at 3.3 V
Low Dynamic-Power Consumption:
Suitable for Point-to-Point Applications
Cpd = 4.3 pF Typ at 3.3 V
Latch-Up Performance Exceeds 100 mA Per
Low Input Capacitance: Ci = 1.5 pF Typ
JESD 78, Class II
Low Noise: Overshoot and Undershoot
ESD Performance Tested Per JESD 22
<10% of VCC
2000-V Human-Body Model
Ioff Supports Partial-Power-Down Mode
(A114-B, Class II)
Operation
1000-V Charged-Device Model (C101)
Wide Operating VCC Range of 0.8 V to 3.6 V
See mechanical drawings for dimensions.
DESCRIPTION/ORDERING INFORMATION
The AUP family is TI's premier solution to the industry's low-power needs in battery-powered portable
applications. This family ensures a very low static- and dynamic-power consumption across the entire VCC range
of 0.8 V to 3.6 V, resulting in increased battery life (see Figure 1). This product also maintains excellent signal
integrity (see the very low undershoot and overshoot characteristics shown in Figure 2).
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity
The SN74AUP2G34 performs the Boolean function Y = A in positive logic.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74AUP2G34DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32DCUR TI1-SN74AUP2G32DCUR Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32DQER TI1-SN74AUP2G32DQER Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32RSER TI1-SN74AUP2G32RSER Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP2G32YFPR TI1-SN74AUP2G32YFPR Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
More results

Similar Description - SN74AUP2G34DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G34 TI1-SN74AUP1G34_16 Datasheet
1Mb / 33P
[Old version datasheet]   Low-Power Single Buffer Gate
SN74AUP3G34 TI-SN74AUP3G34 Datasheet
282Kb / 12P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
SN74AUP1G34 TI-SN74AUP1G34_10 Datasheet
1,015Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE BUFFER GATE
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
Texas Instruments
SN74AUP1G34 TI-SN74AUP1G34 Datasheet
289Kb / 13P
[Old version datasheet]   LOW-POWER SINLE BUFFER GATE
SN74AUP3G34 TI1-SN74AUP3G34_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com