Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6685D Datasheet(PDF) 5 Page - Texas Instruments

Part # PT6685D
Description  5 Amp 18-36V Input Integrated Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT6685D Datasheet(HTML) 5 Page - Texas Instruments

  PT6685D Datasheet HTML 1Page - Texas Instruments PT6685D Datasheet HTML 2Page - Texas Instruments PT6685D Datasheet HTML 3Page - Texas Instruments PT6685D Datasheet HTML 4Page - Texas Instruments PT6685D Datasheet HTML 5Page - Texas Instruments PT6685D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-Aug-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
PT6681B
OBSOLETE SIP MODULE
EEK
14
TBD
Call TI
Call TI
PT6683P
OBSOLETE SIP MODULE
EED
14
TBD
Call TI
Call TI
PT6683R
NRND
SIP MODULE
EEE
14
12
Pb-Free (RoHS)
Call TI
N / A for Pkg Type
PT6685P
NRND
SIP MODULE
EED
14
12
Pb-Free (RoHS)
Call TI
N / A for Pkg Type
PT6685R
OBSOLETE SIP MODULE
EEE
14
TBD
Call TI
Call TI
PT6686B
OBSOLETE SIP MODULE
EEK
14
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - PT6685D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6685 TI1-PT6685 Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
PT6685R TI1-PT6685R Datasheet
161Kb / 7P
[Old version datasheet]   Single Device: 5A Output
More results

Similar Description - PT6685D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6650 TI-PT6650 Datasheet
242Kb / 5P
[Old version datasheet]   5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
logo
List of Unclassifed Man...
PT5800 ETC-PT5800 Datasheet
203Kb / 11P
   18-A 5-V Input Adjustable Integrated Switching Regulator
logo
Texas Instruments
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7705 TI-PT7705 Datasheet
200Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7707 TI-PT7707 Datasheet
199Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com