Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP2G32YFPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G32YFPR
Description  LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G32YFPR Datasheet(HTML) 4 Page - Texas Instruments

  SN74AUP2G32YFPR Datasheet HTML 1Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 2Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 3Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 4Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 5Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 6Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 7Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 8Page - Texas Instruments SN74AUP2G32YFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN74AUP2G32
SCES754B – SEPTEMBER 2009 – REVISED MAY 2010
www.ti.com
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VCC
Supply voltage
0.8
3.6
V
VCC = 0.8 V
VCC
VCC = 1.1 V to 1.95 V
0.65 × VCC
VIH
High-level input voltage
V
VCC = 2.3 V to 2.7 V
1.6
VCC = 3 V to 3.6 V
2
VCC = 0.8 V
0
VCC = 1.1 V to 1.95 V
0.35 × VCC
VIL
Low-level input voltage
V
VCC = 2.3 V to 2.7 V
0.7
VCC = 3 V to 3.6 V
0.9
VI
Input voltage
0
3.6
V
VO
Output voltage
0
VCC
V
VCC = 0.8 V
–20
mA
VCC = 1.1 V
–1.1
VCC = 1.4 V
–1.7
IOH
High-level output current
VCC = 1.65
–1.9
mA
VCC = 2.3 V
–3.1
VCC = 3 V
–4
VCC = 0.8 V
20
mA
VCC = 1.1 V
1.1
VCC = 1.4 V
1.7
IOL
Low-level output current
VCC = 1.65 V
1.9
mA
VCC = 2.3 V
3.1
VCC = 3 V
4
Δt/Δv
Input transition rise or fall rate
VCC = 0.8 V to 3.6 V
200
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G32


Similar Part No. - SN74AUP2G32YFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DCKR TI1-SN74AUP2G34DCKR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DRYR TI1-SN74AUP2G34DRYR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DSFR TI1-SN74AUP2G34DSFR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34YFPR TI1-SN74AUP2G34YFPR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
More results

Similar Description - SN74AUP2G32YFPR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI1-SN74LVC2G32_15 Datasheet
914Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-OR Gate
SN74LVC2G32 TI-SN74LVC2G32 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
[Old version datasheet]   DUAL 2 INPUT POSITIVE OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AHC2G32 TI1-SN74AHC2G32 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com