Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP2G32 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G32
Description  LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G32 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP2G32 Datasheet HTML 3Page - Texas Instruments SN74AUP2G32 Datasheet HTML 4Page - Texas Instruments SN74AUP2G32 Datasheet HTML 5Page - Texas Instruments SN74AUP2G32 Datasheet HTML 6Page - Texas Instruments SN74AUP2G32 Datasheet HTML 7Page - Texas Instruments SN74AUP2G32 Datasheet HTML 8Page - Texas Instruments SN74AUP2G32 Datasheet HTML 9Page - Texas Instruments SN74AUP2G32 Datasheet HTML 10Page - Texas Instruments SN74AUP2G32 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
VM
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
1 MΩ
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VI
0 V
Input
Output
Output
VM
VM
VM
VM
VM
5, 10, 15, 30 pF
VCC/2
VCC
VCC = 1.2 V
± 0.1 V
VCC = 0.8 V
VCC = 1.5 V
± 0.1 V
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
CL
VM
VI
5, 10, 15, 30 pF
VCC/2
VCC
5, 10, 15, 30 pF
VCC/2
VCC
th
tsu
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
SN74AUP2G32
www.ti.com
SCES754B – SEPTEMBER 2009 – REVISED MAY 2010
PARAMETER MEASUREMENT INFORMATION
(Propagation Delays, Setup and Hold Times, and Pulse Width)
A.
CL includes probe and jig capacitance.
B.
Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output
control. Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the
output control.
C.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, for
propagation delays tr/tf = 3 ns, for setup and hold times and pulse width tr/tf = 1.2 ns.
D.
The outputs are measured one at a time, with one transition per measurement.
E.
tPLH and tPHL are the same as tpd.
F.
All parameters and waveforms are not applicable to all devices.
Figure 3. Load Circuit and Voltage Waveforms
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AUP2G32


Similar Part No. - SN74AUP2G32

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G34 TI1-SN74AUP2G34 Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DCKR TI1-SN74AUP2G34DCKR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DRYR TI1-SN74AUP2G34DRYR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34DSFR TI1-SN74AUP2G34DSFR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
SN74AUP2G34YFPR TI1-SN74AUP2G34YFPR Datasheet
907Kb / 19P
[Old version datasheet]   LOW-POWER DUAL BUFFER GATE
More results

Similar Description - SN74AUP2G32

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI1-SN74LVC2G32_15 Datasheet
914Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-OR Gate
SN74LVC2G32 TI-SN74LVC2G32 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
[Old version datasheet]   DUAL 2 INPUT POSITIVE OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AHC2G32 TI1-SN74AHC2G32 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUP1G32 TI-SN74AUP1G32_10 Datasheet
974Kb / 22P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com