Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP2G07DCKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP2G07DCKR
Description  LOW-POWER DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP2G07DCKR Datasheet(HTML) 2 Page - Texas Instruments

  SN74AUP2G07DCKR Datasheet HTML 1Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 2Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 3Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 4Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 5Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 6Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 7Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 8Page - Texas Instruments SN74AUP2G07DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1A
1Y
1
6
2A
2Y
3
4
SN74AUP2G07
SCES748B – SEPTEMBER 2009 – REVISED MAY 2010
www.ti.com
The output of the SN74AUP2G07 is open drain and can be connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND functions.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoStar™ – WCSP (DSBGA)
Reel of 3000
SN74AUP2G07YFPR
_ _ _ H V _
0.23-mm Large Bump – YFP (Pb-free)
QFN – DRY
Reel of 5000
SN74AUP2G07DRYR
H5
–40°C to 85°C
uQFN – DSF
Reel of 5000
SN74AUP2G07DSFR
H5
SOT (SC-70) – DCK
Reel of 3000
SN74AUP2G07DCKR
H5_
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DCK/DRY: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YFP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
● = Pb-free).
FUNCTION TABLE
INPUT
OUTPUT
A
Y
L
L
H
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74AUP2G07


Similar Part No. - SN74AUP2G07DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G07DCKR TI1-SN74AUP2G07DCKR Datasheet
1Mb / 26P
[Old version datasheet]   Low-Power Dual Buffer/Driver
More results

Similar Description - SN74AUP2G07DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP2G06 TI1-SN74AUP2G06 Datasheet
909Kb / 21P
[Old version datasheet]   LOW-POWER DUAL INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07 Datasheet
299Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP Datasheet
312Kb / 9P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07MDCKTEP TI-SN74LVC2G07MDCKTEP Datasheet
310Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07_07 Datasheet
496Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74LVC2G07 TI-SN74LVC2G07 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS
SN74LVC2G07-EP TI1-SN74LVC2G07-EP_14 Datasheet
708Kb / 11P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUC2G07 TI-SN74AUC2G07_09 Datasheet
602Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP3G07 TI-SN74AUP3G07 Datasheet
283Kb / 13P
[Old version datasheet]   LOW-POWER TRIPLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G07 TI-SN74AUP1G07 Datasheet
286Kb / 12P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com