Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7673A Datasheet(PDF) 7 Page - Texas Instruments

Part # PT7673A
Description  30-A 5-Bit Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7673A Datasheet(HTML) 7 Page - Texas Instruments

  PT7673A Datasheet HTML 1Page - Texas Instruments PT7673A Datasheet HTML 2Page - Texas Instruments PT7673A Datasheet HTML 3Page - Texas Instruments PT7673A Datasheet HTML 4Page - Texas Instruments PT7673A Datasheet HTML 5Page - Texas Instruments PT7673A Datasheet HTML 6Page - Texas Instruments PT7673A Datasheet HTML 7Page - Texas Instruments PT7673A Datasheet HTML 8Page - Texas Instruments PT7673A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Application Notes
For technical support and more information, see inside back cover or visit www.ti.com
PT7670 Series
Using the Standby Function on the PT7670
Series of 30-A Switching Regulators
For applications requiring On/Off control of the output
voltage, the 30-A rated PT7670 series of Excalibur ISRs
incorporate an on/off “Standby” function. This feature
may be used for power-up/shutdown sequencing, or to
change the output voltage while input power is applied.
See related notes: “Pin-Coded Output Voltage Adjustment
of the PT7670 Series of 30-A ISRs.”
The standby function is provided by the STBY* control,
pin 5. If pin 5 is left open-circuit the regulator operates
normally, providing a regulated output whenever a valid
supply voltage is applied to Vin (pins 7-11) with respect to
GND (pins 13-19). Connecting pin 5 to ground 1 will
disable the regulator output 2. This places the regulator
in standby mode, and reduces the input current to typically
6mA. If a ground signal is applied to pin 5 prior to power-
up, the regulator output will remain inactive during the
period that input power is applied.
The standby input must be controlled with an open-
collector (or open-drain) discrete transistor (See Figure
3-1). Table 3-1 gives the input requirements.
Table 3-1 Standby Control Input Requirements
Parameter
Min
Typ
Max
Enable
2 V
Open Cct. 1
Disable
–0.2 V
0.8 V
Istby (low)
0.5 mA
Vstby (o/c)
Vin
Notes:
1. The Standby input of the PT7670 series of regulators
should be controlled using an open-collector (or open-
drain) discrete transistor. Do Not use a pull-up resistor. The
control input has an open-circuit voltage equal to Vin. To
set the regulator output to zero, the control pin must be
“pulled” to less than 0.8Vdc with a 0.5mA sink to ground.
Figure 3-1
Turn-On Time:
Turning Q1 in Fig. 3-1 off, removes the
low-voltage signal at pin 5 and enables the output 3. Af-
ter a delay of less than 5 ms, the output voltage rises to
full regulation within 30 ms 4. Fig. 3-2 shows the typical
output voltage waveform of a PT7671 following the
turn-off of Q1 at time t =0 secs. In the circuit of Fig. 3-1,
the output voltage is set to 3.3 V. The waveform was
measured with a +5-V input source voltage, and 15-A
output load.
Figure 3-2
C
out
+
C
in
+
5 V
COM
Inhibit
L
O
A
D
PT7671
43
1
26
20–25
12
513–19
7–11
Vo
Vin
GND
Senes(+)
STBY
VID3 - VID0
Senes(–)
V
o =3.3 V
COM
Q
1
BSS138
2
Iin (5A/Div)
Vo (2V/Div)
Vstby (5V/Div)
HORIZ SCALE: 5ms/Div
2. In the standby mode the output of the regulator is tri-
state, and the output voltage falls at the rate that the
load circuit discharges the output filter capacitors.
3. When the ground signal to the Standby pin is removed,
the regulator output initiates a soft-start cycle by first
asserting a low impedance to ground. If an external
voltage is applied to the output bus, it will sink current and
possibly over-stress the part.
4. The turn-off time of Q1, or rise time of the standby input
is not critical. Turning Q1 off slowly will not affect regulator
operation. However, a slow turn-off time will increase
both the initial delay and rise-time of the output voltage.


Similar Part No. - PT7673A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671-5V TI1-PT7671-5V Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671A TI1-PT7671A Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671C TI1-PT7671C Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671N TI1-PT7671N Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
More results

Similar Description - PT7673A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7675 TI1-PT7675 Datasheet
191Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8120 TI1-PT8120 Datasheet
202Kb / 11P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com