Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7673 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7673
Description  30-A 5-Bit Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7673 Datasheet(HTML) 1 Page - Texas Instruments

  PT7673 Datasheet HTML 1Page - Texas Instruments PT7673 Datasheet HTML 2Page - Texas Instruments PT7673 Datasheet HTML 3Page - Texas Instruments PT7673 Datasheet HTML 4Page - Texas Instruments PT7673 Datasheet HTML 5Page - Texas Instruments PT7673 Datasheet HTML 6Page - Texas Instruments PT7673 Datasheet HTML 7Page - Texas Instruments PT7673 Datasheet HTML 8Page - Texas Instruments PT7673 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration Suffix
Code
Vertical
N
(ENE)
Horizontal
A
(ENF)
SMD
C
(ENG)
(Reference the applicable package code
drawing for the dimensions and PC
board layout)
PT7673—5 V
30-A 5-Bit Programmable
Integrated Switching Regulator
SLTS184A - JANUARY 2003 - REVISED JUNE 2003
Features
5 V Input Voltage
30 A Output Current
5-bit Programmable Output:
0.8 V to 1.575 V
87 % Efficiency
Differential Remote Sense
Over-Current Protection
Description
The PT7673 Excalibur™ high perfor-
mance integrated switching regulator
(ISR) is rated for up to 30 A. Housed in
a 27-pin, space-saving, solderable cop-
per package, the PT7673 delivers a
higher output current than many mod-
ules of similar size. This makes it an
ideal choice where both a high output
current and minimum board space are
desirable. The PT7673 operates from a
+5-V input bus and produces a tightly
regulated output voltage that is pro-
grammable over the range, 0.8 V to
1.575 V. The output voltage set-point
is selected via a 5-bit input code.
Over-Temperature Protection
27-Pin, Solderable Copper Case
1.57 in² PCB Area (‘N’ Suffix)
Surface Mountable
IPC Lead-Free 2
Standard Application
Cin
= Required 1500 µF electrolytic
Cout = Required 330 µF electrolytic
L1
= Optional 1 µH input choke
PT7673
432
1
26
20–25
12
5
13–19
7–11
L
O
A
D
C
OUT
+
C
IN
+
PROGRAMMING PINS
V
IN
V
OUT
GND
SENSE(+)
SENSE(–)
STBY
VID0
VID1
VID2
VID3
L1
1 µH
GND
VID4
6
Ordering Information
PT7673
o = 0.8 to 1.575 Volts
The PT7673 is most suitable for
powering high-end DSP, ASIC, and
microprocessor circuits that require
core or I/O logic supply voltages as low
as 0.8 V.
Other features include output short-
circuit and over-temperature protection,
a standby control, and a differential
remote sense to compensate for voltage
drop between the regulator and load.


Similar Part No. - PT7673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671-5V TI1-PT7671-5V Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671A TI1-PT7671A Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671C TI1-PT7671C Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671N TI1-PT7671N Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
More results

Similar Description - PT7673

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7675 TI1-PT7675 Datasheet
191Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT8125 TI-PT8125 Datasheet
192Kb / 10P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT8120 TI1-PT8120 Datasheet
202Kb / 11P
[Old version datasheet]   30-A 12-V Input Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8100 TI-PT8100 Datasheet
231Kb / 14P
[Old version datasheet]   40-A 3.3/5-V Input Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com