Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGW30N60VD Datasheet(PDF) 1 Page - Fuji Electric

Part # FGW30N60VD
Description  Discrete IGBT (High-Speed V series) 600V / 30A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FGW30N60VD Datasheet(HTML) 1 Page - Fuji Electric

  FGW30N60VD Datasheet HTML 1Page - Fuji Electric FGW30N60VD Datasheet HTML 2Page - Fuji Electric FGW30N60VD Datasheet HTML 3Page - Fuji Electric FGW30N60VD Datasheet HTML 4Page - Fuji Electric FGW30N60VD Datasheet HTML 5Page - Fuji Electric FGW30N60VD Datasheet HTML 6Page - Fuji Electric FGW30N60VD Datasheet HTML 7Page - Fuji Electric FGW30N60VD Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
http://www.fujielectric.com/products/semiconductor/
FGW30N60VD
Discrete IGBT
Discrete IGBT (High-Speed V series)
600V / 30A
Features
Low power loss
Low switching surge and noise
High reliability, high ruggedness (RBSOA, SCSOA etc.)
Applications
Inverter for Motor drive
AC and DC Servo drive amplifier
Uninterruptible power supply
Maximum Ratings and Characteristics
Absolute Maximum Ratings (at TC=25°C unless otherwise specified)
Items
Symbols Characteristics Units
Remarks
Collector-Emitter voltage
VCES
600
V
Gate-Emitter voltage
VGES
±20
V
DC Collector Current
IC@25
55
A
TC=25°C, Tj=150°C
IC@100
30
A
TC=100°C, Tj=150°C
Pulsed Collector Current
ICP
60
A
Note *1
Turn-Off Safe Operating Area
-
60
A
VCE≤600V, Tj≤175°C
Diode Forward Current
IF@25
48
A
IF@100
25
A
Diode Pulsed Current
IFP
60
A
Note *1
Short Circuit Withstand Time
tSC
10
μs
VCC≤320V, VGE=15V
Tj≤150°C
IGBT Max. Power Dissipation
PD_IGBT
230
W
TC=25°C
FWD Max. Power Dissipation
PD_FWD
125
TC=25°C
Operating Junction Temperature Tj
-40~+175
°C
Storage Temperature
Tstg
-55~+175
°C
Note *1 : Pulse width limited by Tjmax.
Electrical characteristics (at Tj= 25°C unless otherwise specified)
Items
Symbols
Conditions
Characteristics
Unit
min.
typ.
max.
Collector-Emitter Breakdown Voltage
V(BR)CES
IC = 250μA, VGE = 0V
600
-
-
V
Zero Gate Voltage Collector Current
ICES
VCE = 600V, VGE = 0V
Tj=25°C
-
-
250
µA
Tj=175°C
-
-
10
mA
Gate-Emitter Leakage Current
IGES
VCE = 0V, VGE = ±20V
-
-
200
nA
Gate-Emitter Threshold Voltage
VGE (th)
VCE = +20V, IC = 30mA
6.2
6.7
7.2
V
Collector-Emitter Saturation Voltage
VCE (sat)
VGE = +15V, IC = 30A
Tj=25°C
-
1.60
2.05
V
Tj=175°C
-
2.1
-
Input Capacitance
Cies
VCE=25V
VGE=0V
f=1MHz
-
1910
-
pF
Output Capacitance
Coes
-
145
-
Reverse Transfer Capacitance
Cres
-
105
-
Gate Charge
QG
VCC = 400V
IC = 30A
VGE = 15V
-
225
-
nC
Turn-On Delay Time
td(on)
Tj = 25°C
VCC = 400V
IC = 30A
VGE = 15V
RG = 10Ω
L = 500μH
Energy loss include “tail” and FWD reverse
recovery.
-
35
-
ns
Rise Time
tr
-
60
-
Turn-Off Delay Time
td(off)
-
200
-
Fall Time
tf
-
38
-
Turn-On Energy
Eon
-
1.2
-
mJ
Turn-Off Energy
Eoff
-
0.7
-
Turn-On Delay Time
td(on)
Tj = 175°C
VCC = 400V
IC = 30A
VGE = 15V
RG = 10Ω
L = 500μH
Energy loss include “tail” and FWD reverse
recovery.
-
36
-
ns
Rise Time
tr
-
60
-
Turn-Off Delay Time
td(off)
-
235
-
Fall Time
tf
-
50
-
Turn-On Energy
Eon
-
2.0
-
mJ
Turn-Off Energy
Eoff
-
1.2
-
Forward Voltage Drop
VF
IF=25A
Tj=25°C
-
1.5
1.95
V
Tj=175°C
-
1.3
-
V
Diode Reverse Recovery Time
trr1
VCC=30V
IF = 2.5A
-di/dt=200A/µs
-
40
52
ns
Diode Reverse Recovery Time
trr2
VCC=400V
IF=25A
-diF/dt=200A/µs
Tj=25°C
-
0.30
-
µs
Diode Reverse Recovery Charge
Qrr
-
0.70
-
µC
Equivalent circuit
Gate
Emitter
Collector


Similar Part No. - FGW30N60VD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FGW30N120H FUJI-FGW30N120H Datasheet
559Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 30A
FGW30N120HD FUJI-FGW30N120HD Datasheet
651Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 30A
More results

Similar Description - FGW30N60VD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FGW30N120H FUJI-FGW30N120H Datasheet
559Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 30A
FGW30N120HD FUJI-FGW30N120HD Datasheet
651Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 30A
FGW75N60H FUJI-FGW75N60H Datasheet
578Kb / 6P
   Discrete IGBT (High-Speed V series) 600V / 75A
FGW35N60H FUJI-FGW35N60H Datasheet
635Kb / 6P
   Discrete IGBT (High-Speed V series) 600V / 35A
FGW75N60HD FUJI-FGW75N60HD Datasheet
639Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 75A
FGW50N60VD FUJI-FGW50N60VD Datasheet
671Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 50A
FGW35N60HD FUJI-FGW35N60HD Datasheet
640Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 35A
FGW50N60HD FUJI-FGW50N60HD Datasheet
646Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 50A
FGW50N60H FUJI-FGW50N60H Datasheet
645Kb / 6P
   Discrete IGBT (High-Speed V series) 600V / 50A
FGW40N120VD FUJI-FGW40N120VD Datasheet
696Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 40A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com