Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGW15N120HD Datasheet(PDF) 5 Page - Fuji Electric

Part # FGW15N120HD
Description  Discrete IGBT (High-Speed V series) 1200V / 15A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FGW15N120HD Datasheet(HTML) 5 Page - Fuji Electric

  FGW15N120HD Datasheet HTML 1Page - Fuji Electric FGW15N120HD Datasheet HTML 2Page - Fuji Electric FGW15N120HD Datasheet HTML 3Page - Fuji Electric FGW15N120HD Datasheet HTML 4Page - Fuji Electric FGW15N120HD Datasheet HTML 5Page - Fuji Electric FGW15N120HD Datasheet HTML 6Page - Fuji Electric FGW15N120HD Datasheet HTML 7Page - Fuji Electric FGW15N120HD Datasheet HTML 8Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4
5
Discrete IGBT
FGW15N120HD
http://www.fujielectric.com/products/semiconductor/
Graph.13
FWD Forward voltage drop (VF-IF)
Graph.14
Typical reverse recovery characteristics vs. IF
Tj=175ºC, VCC=600V, L=500µH
VGE=15V, RG=10Ω
Graph.15
Typical reverse recovery loss vs. IF
Tj=175ºC, VCC=600V, L=500µH
VGE=15V, RG=10Ω
Graph.16
Reverse biased Safe Operating Area
Tj≤175ºC, VGE=+15V/0V, RG=10Ω
Collector-Emitter voltage : VCE [V]
VF [V]
IF [A]
IF [A]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
5
10
15
20
25
30
Tj=175℃
Tj=25℃
0
5
10
15
20
25
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
0
200
400
600
800
0
10
20
30
0
2
4
6
8
Qrr
trr
0
200
400
600
800
1000
1200
1400
0
20
40
60
80
100


Similar Part No. - FGW15N120HD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FGW15N120H FUJI-FGW15N120H Datasheet
567Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 15A
More results

Similar Description - FGW15N120HD

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FGW15N120H FUJI-FGW15N120H Datasheet
567Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 15A
FGW15N120VD FUJI-FGW15N120VD Datasheet
670Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 15A
FGW40N120H FUJI-FGW40N120H Datasheet
588Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 40A
FGW30N120H FUJI-FGW30N120H Datasheet
559Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 30A
FGW40N120VD FUJI-FGW40N120VD Datasheet
696Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 40A
FGW25N120VD FUJI-FGW25N120VD Datasheet
679Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 25A
FGW30N120HD FUJI-FGW30N120HD Datasheet
651Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 30A
FGW40N120HD FUJI-FGW40N120HD Datasheet
680Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 40A
6MBP15VAA120-50 FUJI-6MBP15VAA120-50 Datasheet
1Mb / 8P
   IGBT MODULE (V series) 1200V / 15A / IPM
logo
MacMic
MM15G3T120B MACMIC-MM15G3T120B Datasheet
662Kb / 5P
   1200V 15A IGBT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com