Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54140ADGQR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54140ADGQR
Description  1.5-A, 42 V Step Down SWIFT??DC/DC Converter with Eco-mode?
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54140ADGQR Datasheet(HTML) 1 Page - Texas Instruments

  TPS54140ADGQR Datasheet HTML 1Page - Texas Instruments TPS54140ADGQR Datasheet HTML 2Page - Texas Instruments TPS54140ADGQR Datasheet HTML 3Page - Texas Instruments TPS54140ADGQR Datasheet HTML 4Page - Texas Instruments TPS54140ADGQR Datasheet HTML 5Page - Texas Instruments TPS54140ADGQR Datasheet HTML 6Page - Texas Instruments TPS54140ADGQR Datasheet HTML 7Page - Texas Instruments TPS54140ADGQR Datasheet HTML 8Page - Texas Instruments TPS54140ADGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
EFFICIENCY
vs
LOADCURRENT
50
55
60
65
70
75
80
85
90
0
0.25
0.50
0.75
1
1.25
1.50
1.75
2
LoadCurrent- A
V =12V,
V =3.3V,
f
=1200kHz
I
O
sw
PH
VIN
GND
BOOT
VSENSE
COMP
TPS54140A
EN
RT /CLK
SS /TR
PWRGD
V
IN
VIN
V
OUT
TPS54140A
www.ti.com
SLVSB55A – MAY 2012 – REVISED JULY 2012
1.5-A, 42 V Step Down
SWIFT™ DC/DC Converter with Eco-mode™
Check for Samples: TPS54140A
1
FEATURES
23
3.5 V to 42 V Input Voltage Range
0.8-V Internal Voltage Reference
200-m
Ω High-Side MOSFET
MSOP10 and 3mm x 3mm VSON-10 Package
With PowerPAD™
High Efficiency at Light Loads with a Pulse
Skipping Eco-mode™
Supported by WEBENCH® and SwitcherPro™
Software Tool
Tighter Enable Threshold than TPS54140 for
More Accurate UVLO Voltage
For SWIFT™ Documentation, See the TI
Website at http://www.ti.com/swift
Adjustable UVLO Voltage and Hysteresis
116
μA Operating Quiescent Current
APPLICATIONS
1.3
μA Shutdown Current
12-V and 24-V Industrial and Commercial Low
100 kHz to 2.5 MHz Switching Frequency
Power Systems
Synchronizes to External Clock
Aftermarket Auto Accessories: Video, GPS,
Adjustable Slow Start/Sequencing
Entertainment
UV and OV Power Good Output
DESCRIPTION
The TPS54140A device is a 42 V, 1.5 A, step down regulator with an integrated high side MOSFET. Current
mode control provides simple external compensation and flexible component selection. A low ripple pulse skip
mode reduces the no load, regulated output supply current to 116
μA. Using the enable pin, shutdown supply
current is reduced to 1.3
μA.
Under voltage lockout is internally set at 2.5 V, but can be increased using the enable pin. The output voltage
startup ramp is controlled by the slow start pin that can also be configured for sequencing/tracking. An open
drain power good signal indicates the output is within 94% to 107% of its nominal voltage.
A wide switching frequency range allows efficiency and external component size to be optimized. Frequency fold
back and thermal shutdown protects the part during an overload condition.
SIMPLIFIED SCHEMATIC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Eco-mode, PowerPAD, SwitcherPro, SWIFT are trademarks of Texas Instruments.
3
WEBENCH is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54140ADGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54140A TI-TPS54140A_15 Datasheet
2Mb / 58P
[Old version datasheet]   TPS54140A 1.5-A, 42-V Step-Down DC/DC Converter with Eco-mode?
More results

Similar Description - TPS54140ADGQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS57140-EP TI1-TPS57140-EP_16 Datasheet
1Mb / 51P
[Old version datasheet]   1.5-A 42-V Step-Down Swift DC-DC Converter With Eco-mode Control
TPS57140-Q1 TI1-TPS57140-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS57140-Q1 TI-TPS57140-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC-DC CONVERTER WITH Eco-mode??CONTROL
TPS54140-Q1 TI1-TPS54140-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode??CONTROL
TPS54040A TI1-TPS54040A Datasheet
2Mb / 48P
[Old version datasheet]   0.5 A, 42 V Step Down SWIFT??DC/DC Converter with ECO-MODE?
TPS54040-Q1 TI1-TPS54040-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57040-Q1 TI1-TPS57040-Q1 Datasheet
2Mb / 52P
[Old version datasheet]   0.5-A 42-V STEP-DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode?
TPS57140-EP TI-TPS57140-EP_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS57140-EP 1.5-A 42-V Step-Down Swift??DC-DC Converter With Eco-mode??Control
TPS54160A TI1-TPS54160A Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, Step-Down SWIFT??DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_11 Datasheet
1Mb / 52P
[Old version datasheet]   1.5-A, 60-V, STEP-DOWN SWIFT DC/DC CONVERTER WITH ECO-MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com