Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54060ADRCR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54060ADRCR
Description  0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54060ADRCR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54060ADRCR Datasheet HTML 4Page - Texas Instruments TPS54060ADRCR Datasheet HTML 5Page - Texas Instruments TPS54060ADRCR Datasheet HTML 6Page - Texas Instruments TPS54060ADRCR Datasheet HTML 7Page - Texas Instruments TPS54060ADRCR Datasheet HTML 8Page - Texas Instruments TPS54060ADRCR Datasheet HTML 9Page - Texas Instruments TPS54060ADRCR Datasheet HTML 10Page - Texas Instruments TPS54060ADRCR Datasheet HTML 11Page - Texas Instruments TPS54060ADRCR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
10
20
30
40
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
50
70
90
110
130
150
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
1.10
1.20
1.30
1.40
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
-4.25
-4
-3.75
-3.5
-3.25
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
= Threshold+50mV
I
I(EN)
-1
-0.95
-0.9
-0.85
-0.8
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V,
V
= Threshold-50mV
I
I(EN)
-3
-2.5
-2
-1.5
-1
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
TPS54060A
SLVSB57 – MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
EA TRANSCONDUCTANCE DURING SLOW START vs
JUNCTION TEMPERATURE
EA TRANSCONDUCTANCE vs JUNCTION TEMPERATURE
Figure 7.
Figure 8.
EN PIN VOLTAGE vs JUNCTION TEMPERATURE
EN PIN CURRENT vs JUNCTION TEMPERATURE
Figure 9.
Figure 10.
EN PIN CURRENT vs JUNCTION TEMPERATURE
SS/TR CHARGE CURRENT vs JUNCTION TEMPERATURE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS54060A


Similar Part No. - TPS54060ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060ADRCR TI1-TPS54060ADRCR Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC?밆C Converter
More results

Similar Description - TPS54060ADRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54160 TI-TPS54160_08 Datasheet
1Mb / 47P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54160 TI-TPS54160 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54140 TI-TPS54140 Datasheet
1Mb / 46P
[Old version datasheet]   1.5-A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com