Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51427A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51427A
Description  DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51427A Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51427A Datasheet HTML 2Page - Texas Instruments TPS51427A Datasheet HTML 3Page - Texas Instruments TPS51427A Datasheet HTML 4Page - Texas Instruments TPS51427A Datasheet HTML 5Page - Texas Instruments TPS51427A Datasheet HTML 6Page - Texas Instruments TPS51427A Datasheet HTML 7Page - Texas Instruments TPS51427A Datasheet HTML 8Page - Texas Instruments TPS51427A Datasheet HTML 9Page - Texas Instruments TPS51427A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
TPS51427A
SLUS843B – MAY 2008 – REVISED SEPTEMBER 2008 .................................................................................................................................................. www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended free-air temperature range, VV5DRV = 5 V, VVIN = 12 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE (REF)
1.98
2.02
|IVREF2| = 0 µA
2.00
(–1%)
(+1%)
VREF2 Output Voltage
V
1.975
2.025
|IVREF2| < 50 µA
2.00
(–1.25%)
(+1.25%)
VREF2 Sink Current
VREF2 in regulation
50
µA
Falling edge of VREF2
1.575
1.700
1.825
VREF2 Undervoltage Lockout
V
Threshold
Hysteresis
0.1
OUT1 FAULT DETECTION
Overvoltage Trip Threshold
VFB1 with respect to nominal regulation point
+12.5%
+15%
+17.5%
Overvoltage Fault Propagation
VFB1 delay with 50-mV overdrive
10
µs
Delay
Undervoltage Trip Threshold
VFB1 with respect to nominal output voltage
–35%
–30%
–25%
Undervoltage Fault Propagation
0.8
1
1.2
ms
Delay
Undervoltage Fault Enable Delay
From ENx signal
10
20
30
ms
VFB1 with respect to nominal output, falling edge,
PGOOD1 Lower Trip Threshold
–12.5%
–10%
–7.5%
typical hysteresis = 5%
PGOOD1 Low Propagation Delay
Falling edge, 50-mV overdrive
10
µs
PGOOD1 High Propagation Delay
Rising edge, 50-mV overdrive
0.8
1.0
1.2
ms
PGOOD1 Output Low Voltage
PGOOD1 Low impedance, ISINK = 4 mA
0.4
0.8
V
PGOOD1 Leakage Current
PGOOD1 High impedance, forced to 5.5 V
1
µA
OUT2 FAULT DETECTION
Overvoltage Trip Threshold
REFIN2 with respect to nominal regulation point
+12.5%
+15.0%
+17.5%
Overvoltage Fault Propagation
REFIN2 delay with 50-mV overdrive
10
µs
Delay
Undervoltage Trip Threshold
REFIN2 with respect to nominal output voltage
–35%
–30%
–25%
Undervoltage Fault Propagation
0.8
1
1.2
ms
Delay
Undervoltage Fault Enable Delay
From ENx signal
10
20
30
ms
REFIN2 with respect to nominal output, falling edge,
PGOOD2 Lower Trip Threshold
–12.5%
–10%
–7.5%
typical hysteresis = 5%
PGOOD2 Low Propagation Delay
Falling edge, 50-mV overdrive
10
µs
PGOOD2 High Propagation Delay
Rising edge, 50-mV overdrive
0.8
1.0
1.2
ms
PGOOD2 Output Low Voltage
PGOOD2 Low impedance, ISINK = 4 mA
0.4
0.8
V
PGOOD2 Leakage Current
PGOOD2 High impedance, forced to 5.5 V
1
µA
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS51427A


Similar Part No. - TPS51427A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results

Similar Description - TPS51427A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com