Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGW35N60H Datasheet(PDF) 1 Page - Fuji Electric

Part # FGW35N60H
Description  Discrete IGBT (High-Speed V series) 600V / 35A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FGW35N60H Datasheet(HTML) 1 Page - Fuji Electric

  FGW35N60H Datasheet HTML 1Page - Fuji Electric FGW35N60H Datasheet HTML 2Page - Fuji Electric FGW35N60H Datasheet HTML 3Page - Fuji Electric FGW35N60H Datasheet HTML 4Page - Fuji Electric FGW35N60H Datasheet HTML 5Page - Fuji Electric FGW35N60H Datasheet HTML 6Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
http://www.fujielectric.com/products/semiconductor/
FGW35N60H
Discrete IGBT
Discrete IGBT (High-Speed V series)
600V / 35A
Features
Low power loss
Low switching surge and noise
High reliability, high ruggedness (RBSOA, SCSOA etc.)
Applications
Uninterruptible power supply
Power coditionner
Power factor correction circuit
Maximum Ratings and Characteristics
Absolute Maximum Ratings (at TC=25°C unless otherwise specified)
Items
Symbols Characteristics Units
Remarks
Collector-Emitter voltage
VCES
600
V
Gate-Emitter voltage
VGES
±20
V
DC Collector Current
IC@25
64
A
TC=25°C, Tj=150°C
IC@100
35
A
TC=100°C, Tj=150°C
Pulsed Collector Current
ICP
105
A
Note *1
Turn-Off Safe Operating Area
-
105
A
VCE≤600V, Tj≤175°C
Short Circuit Withstand Time
tSC
5
μs
VCC≤300V, VGE=12V
Tj≤150°C
Maximum Power Dissipation
PD
230
W
TC=25°C
Operating Junction Temperature Tj
-40~+175
°C
Storage Temperature
Tstg
-55~+175
°C
Note *1 : Pulse width limited by Tjmax.
Electrical characteristics (at Tj= 25°C unless otherwise specified)
Items
Symbols
Conditions
Characteristics
Unit
min.
typ.
max.
Collector-Emitter Breakdown Voltage
V(BR)CES
IC = 250μA, VGE = 0V
600
-
-
V
Zero Gate Voltage Collector Current
ICES
VCE = 600V, VGE = 0V
Tj=25°C
-
-
250
µA
Tj=175°C
-
-
10
mA
Gate-Emitter Leakage Current
IGES
VCE = 0V, VGE = ±20V
-
-
200
nA
Gate-Emitter Threshold Voltage
VGE (th)
VCE = +20V, IC = 35mA
4.0
5.0
6.0
V
Collector-Emitter Saturation Voltage
VCE (sat)
VGE = +15V, IC = 35A
Tj=25°C
-
1.50
1.95
V
Tj=175°C
-
1.80
-
Input Capacitance
Cies
VCE=25V
VGE=0V
f=1MHz
-
2800
-
pF
Output Capacitance
Coes
-
140
-
Reverse Transfer Capacitance
Cres
-
100
-
Gate Charge
QG
VCC = 400V
IC = 35A
VGE = 15V
-
210
-
nC
Turn-On Delay Time
td(on)
Tj = 25°C
VCC = 400V
IC = 35A
VGE = 15V
RG = 10Ω
L = 500μH
Energy loss include “tail” and FWD
(FDRW15S60L) reverse recovery.
-
32
-
ns
Rise Time
tr
-
60
-
Turn-Off Delay Time
td(off)
-
200
-
Fall Time
tf
-
40
-
Turn-On Energy
Eon
-
0.90
-
mJ
Turn-Off Energy
Eoff
-
0.85
-
Turn-On Delay Time
td(on)
Tj = 175°C
VCC = 400V
IC = 35A
VGE = 15V
RG = 10Ω
L = 500μH
Energy loss include “tail” and FWD
(FDRW15S60L) reverse recovery.
-
33
-
ns
Rise Time
tr
-
60
-
Turn-Off Delay Time
td(off)
-
225
-
Fall Time
tf
-
50
-
Turn-On Energy
Eon
-
1.40
-
mJ
Turn-Off Energy
Eoff
-
1.25
-
Thermal resistance
Items
Symbols
Conditions
Characteristics
Unit
min.
typ.
max.
Thermal Resistance, Junction-Ambient
Rth(j-a)
-
-
50
°C/W
Thermal Resistance Junction to Case
Rth(j-c)
-
-
0.641
Equivalent circuit
Gate
Emitter
Collector


Similar Part No. - FGW35N60H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FGW35N60HD FUJI-FGW35N60HD Datasheet
640Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 35A
More results

Similar Description - FGW35N60H

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FGW35N60HD FUJI-FGW35N60HD Datasheet
640Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 35A
FGW30N60VD FUJI-FGW30N60VD Datasheet
656Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 30A
FGW75N60H FUJI-FGW75N60H Datasheet
578Kb / 6P
   Discrete IGBT (High-Speed V series) 600V / 75A
FGW75N60HD FUJI-FGW75N60HD Datasheet
639Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 75A
FGW50N60VD FUJI-FGW50N60VD Datasheet
671Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 50A
FGW50N60HD FUJI-FGW50N60HD Datasheet
646Kb / 8P
   Discrete IGBT (High-Speed V series) 600V / 50A
FGW50N60H FUJI-FGW50N60H Datasheet
645Kb / 6P
   Discrete IGBT (High-Speed V series) 600V / 50A
FGW40N120VD FUJI-FGW40N120VD Datasheet
696Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 40A
FGW15N120H FUJI-FGW15N120H Datasheet
567Kb / 6P
   Discrete IGBT (High-Speed V series) 1200V / 15A
FGW25N120VD FUJI-FGW25N120VD Datasheet
679Kb / 8P
   Discrete IGBT (High-Speed V series) 1200V / 25A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com