Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD040 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD040
Description  4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65MLVD040 Datasheet(HTML) 1 Page - Texas Instruments

  SN65MLVD040 Datasheet HTML 1Page - Texas Instruments SN65MLVD040 Datasheet HTML 2Page - Texas Instruments SN65MLVD040 Datasheet HTML 3Page - Texas Instruments SN65MLVD040 Datasheet HTML 4Page - Texas Instruments SN65MLVD040 Datasheet HTML 5Page - Texas Instruments SN65MLVD040 Datasheet HTML 6Page - Texas Instruments SN65MLVD040 Datasheet HTML 7Page - Texas Instruments SN65MLVD040 Datasheet HTML 8Page - Texas Instruments SN65MLVD040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Channels 2 - 4
1D
1R
1DE
1A
1B
3
3
2D - 4D
2R - 4R
2A - 4A
2B - 4B
Channel 1
2DE - 4E
3
LOGICDIAGRAM (POSITIVELOGIC)
SN65MLVD040
1RE
1FSEN
3
2FSEN –
4FSEN
3
2RE – 4RE
PDN
SN65MLVD040
www.ti.com
SLLS902 – FEBRUARY 2010
4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
Check for Samples: SN65MLVD040
1
FEATURES
APPLICATIONS
Parallel Multipoint Data and Clock
2
Low-Voltage Differential 30-
Ω to 55-Ω Line
Transmission Via Backplanes and Cables
Drivers and Receivers for Signaling Rates(1) Up
Low-Power High-Speed Short-Reach
to 250 Mbps; Clock Frequencies Up to
Alternative to TIA/EIA-485
125 MHz
Cellular Base Stations
Meets or Exceeds the M-LVDS Standard
Central-Office Switches
TIA/EIA-899 for Multipoint Data Interchange
Network Switches and Routers(1)
Controlled Driver Output Voltage Transition
Times for Improved Signal Quality
–1 V to 3.4 V Common-Mode Voltage Range
Allows Data Transfer With 2 V of Ground Noise
Bus Pins High Impedance When Driver
Disabled or VCC ≤ 1.5 V
Independent Enables for each Driver and
Receiver
Enhanced ESD Protection: 7 kV HBM on all
Pins
48 pin 7 X 7 QFN (RGZ)
M-LVDS Bus Power Up/Down Glitch Free
(1)
The signaling rate of a line, is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
DESCRIPTION
The SN65MLVD040 provides four half-duplex transceivers for transmitting and receiving Multipoint-Low-Voltage
Differential Signals in full compliance with the TIA/EIA-899 (M-LVDS) standard, which are optimized to operate at
signaling rates up to 250 Mbps. The driver outputs have been designed to support multipoint buses presenting
loads as low as 30-
Ω and incorporates controlled transition times to allow for stubs off of the backplane
transmission line.
The M-LVDS standard defines two types of receivers, designated as Type-1 and Type-2. Type-1 receivers have
thresholds centered about zero with 25 mV of hysteresis to prevent output oscillations with loss of input; Type-2
receivers implement a failsafe by using an offset threshold. The xFSEN pins is used to select the Type-1 and
Type-2 receiver for each of the channels. In addition, the driver rise and fall times are between 1 ns and 2 ns,
complying with the M-LVDS standard to provide operation at 250 Mbps while also accommodating stubs on the
bus. Receiver outputs are slew rate controlled to reduce EMI and crosstalk effects associated with large current
surges. The M-LVDS standard allows for 32 nodes on the bus providing a high-speed replacement for RS-485
where lower common-mode can be tolerated or when higher signaling rates are needed.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65MLVD040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047A TI1-SN65MLVD047A Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047AD TI1-SN65MLVD047AD Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047ADG4 TI1-SN65MLVD047ADG4 Datasheet
645Kb / 21P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65MLVD040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
Analog Devices
ADN4680E AD-ADN4680E Datasheet
2Mb / 21P
   250 Mbps, Half-Duplex, Quad M-LVDS Transceivers
UG-390 AD-UG-390 Datasheet
307Kb / 8P
   High Speed Evaluation Board for Half-Duplex M-LVDS Transceivers
REV. 0
ADN4690E AD-ADN4690E_V01 Datasheet
485Kb / 20P
   3.3 V, 100 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
ADN4691E AD-ADN4691E_V01 Datasheet
395Kb / 20P
   3.3 V, 200 Mbps, Half- and Full-Duplex, High Speed M-LVDS Transceivers
Rev. B
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
   Multipoint-LVDS (M-LVDS) Transceivers
logo
Analog Devices
UG-361 AD-UG-361 Datasheet
581Kb / 8P
   High Speed Evaluation Board for Full Duplex M-LVDS Transceivers
REV. 0
logo
Texas Instruments
DS91C176 TI1-DS91C176_14 Datasheet
1,007Kb / 20P
[Old version datasheet]   100 MHz Single Channel M-LVDS Transceivers
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
   100 MHz Single Channel M-LVDS Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com