Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6MBP50VDA060-50 Datasheet(PDF) 6 Page - Fuji Electric

Part No. 6MBP50VDA060-50
Description  IGBT MODULE (V series) 600V / 50A / IPM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

6MBP50VDA060-50 Datasheet(HTML) 6 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
IGBT Modules
6MBP50VDA060-50
http://www.fujielectric.com/products/semiconductor/
7
Switching Loss vs. Collector Current (typ.)
VDC=300V,VCC=15V,Tj=25℃
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
Collector current : IC [ A ]
Eon
Eoff
Err
Reversed biased safe operating area
Vcc=15V,Tj≦125℃[Main Terminal] (min.)
0
50
100
150
200
0
200
400
600
800
Collector-Emitter voltage : VCE [ V ]
RBSOA
(Repetitive pulse)
Transient thermal resistance (max.)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Pulse width : PW [ sec ]
Power derating for IGBT (max.)
[per device]
0
100
200
300
400
0
50
100
150
Case Temperature : TC [ ℃ ]
Switching Loss vs. Collector Current (typ.)
VDC=300V,VCC=15V,Tj=125℃
0
1
2
3
4
5
6
7
8
0
20
40
60
80
100
Collector current : IC [ A ]
Eon
Eoff
Err
Power derating for FWD (max.)
[per device]
0
50
100
150
200
250
0
50
100
150
Case Temperature : TC [ ℃ ]
FWD
IGBT


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn