Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

6MBP50VDA060-50 Datasheet(PDF) 4 Page - Fuji Electric

Part No. 6MBP50VDA060-50
Description  IGBT MODULE (V series) 600V / 50A / IPM
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

6MBP50VDA060-50 Datasheet(HTML) 4 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
IGBT Modules
6MBP50VDA060-50
http://www.fujielectric.com/products/semiconductor/
5
Characteristics (Representative)
Power supply current vs. Switching frequency
Tj= 25℃(typ.)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
Switchig frequency : fSW [ kHz ]
VCC=17V
VCC=15V
VCC=13V
VCC=17V
VCC=15V
VCC=13V
N-side
P-side
Input signal threshold voltage
vs. Power supply voltage (typ.)
0
0.5
1
1.5
2
2.5
3
12
13
14
15
16
17
18
Power supply voltage : VCC [ V ]
Vinth(on)
Vinth(off)
TC=25~125℃
Under voltage vs. Junction temperature (typ.)
0
3
6
9
12
15
0
20
40
60
80
100
120
140
Junction temperature : Tj [ ℃ ]
Under voltage hysterisis
vs. Junction temperature (typ.)
0
0.2
0.4
0.6
0.8
1
0
20
40
60
80
100
120
140
Junction temperature : Tj [ ℃ ]
Alarm hold time vs. Power supply voltage (typ.)
0
2
4
6
8
10
12
13
14
15
16
17
18
Power supply voltage : VCC [ V ]
tALM(TjOH)
tALM(OC)
Over heating characteristics
TjOH,TjH vs. VCC (typ.)
0
50
100
150
200
12
13
14
15
16
17
18
Power supply voltage : VCC [ V ]
TjOH
TjH


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn