Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS051PWRG4Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS051PWRG4Q1
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS051PWRG4Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVDS051PWRG4Q1 Datasheet HTML 3Page - Texas Instruments SN65LVDS051PWRG4Q1 Datasheet HTML 4Page - Texas Instruments SN65LVDS051PWRG4Q1 Datasheet HTML 5Page - Texas Instruments SN65LVDS051PWRG4Q1 Datasheet HTML 6Page - Texas Instruments SN65LVDS051PWRG4Q1 Datasheet HTML 7Page - Texas Instruments SN65LVDS051PWRG4Q1 Datasheet HTML 8Page - Texas Instruments SN65LVDS051PWRG4Q1 Datasheet HTML 9Page - Texas Instruments SN65LVDS051PWRG4Q1 Datasheet HTML 10Page - Texas Instruments SN65LVDS051PWRG4Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
SN65LVDS179-Q1, SN65LVDS180-Q1
SN65LVDS050-Q1, SN65LVDS051-Q1
www.ti.com
SGLS204B
– SEPTEMBER 2003 – REVISED NOVEMBER 2011
RECEIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIT+
Positive-going differential input voltage threshold
50
See Figure 5 and
mV
VIT-
Negative-going differential input voltage threshold
–50
IOH = -8 mA
2.4
VOH
High-level output voltage
V
IOH = -4 mA
2.8
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
VI = 0
–2
–11
–20
II
Input current (A or B inputs)
μA
VI = 2.4 V
–1.2
–3
II(OFF)
Power-off input current (A or B inputs)
VCC = 0
±20
μA
IIH
High-level input current (enables)
VIH = 5 V
±10
μA
IIL
Low-level input current (enables)
VIL = 0.8 V
±10
μA
IOZ
High-impedance output current
VO = 0 or 5 V
±10
μA
CI
Input capacitance
5
pF
(1)
All typical values are at 25
°C and with a 3.3-V supply.
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
1.7
2.7
ns
tPHL
Propagation delay time, high-to-low-level output
1.7
2.7
ns
RL = 100 Ω,
tr
Differential output signal rise time
0.8
1
ns
CL = 10 pF,
tf
Differential output signal fall time
0.8
1
ns
See Figure 2
tsk(p)
Pulse skew (|tpHL - tpLH|)
(2)
300
ps
tsk(o)
Channel-to-channel output skew(3)
150
ps
ten
Enable time
4.3
10
ns
See Figure 4
tdis
Disable time
3.1
10
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
(3)
tsk(o) is the magnitude of the time difference between the outputs of a single device with all of their inputs connected together.
RECEIVER SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
3.7
4.5
ns
tPHL
Propagation delay time, high-to-low-level output
3.7
4.5
ns
CL = 10 pF,
tsk(p)
Pulse skew (|tpHL - tpLH|)
(2)
0.3
ns
See Figure 6
tr
Output signal rise time
0.7
1.5
ns
tf
Output signal fall time
0.9
1.5
ns
tPZH
Propagation delay time, high-impedance-to-high-level output
2.5
ns
tPZL
Propagation delay time, high-impedance-to-low-level output
2.5
ns
See Figure 7
tPHZ
Propagation delay time, high-level-to-high-impedance output
7
ns
tPLZ
Propagation delay time, low-level-to-high-impedance output
4
ns
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
tsk(p) is the magnitude of the time difference between the high-to-low and low-to-high propagation delay times at an output.
Copyright
© 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65LVDS179-Q1 SN65LVDS180-Q1 SN65LVDS050-Q1 SN65LVDS051-Q1


Similar Part No. - SN65LVDS051PWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS051PWRG4Q1 TI1-SN65LVDS051PWRG4Q1 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS051PWRG4Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com