Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVP18DRFR Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65LVP18DRFR
Description  2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVP18DRFR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVP18DRFR Datasheet HTML 7Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 8Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 9Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 10Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 11Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 12Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 13Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 14Page - Texas Instruments SN65LVP18DRFR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
30-Jul-2011
Addendum-Page 2
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - SN65LVP18DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVP18DRFR TI1-SN65LVP18DRFR Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
More results

Similar Description - SN65LVP18DRFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS16 TI-SN65LVDS16 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16 TI-SN65LVDS16_07 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS18 TI1-SN65LVDS18_15 Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com