Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS19DRFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS19DRFT
Description  2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS19DRFT Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS19DRFT Datasheet HTML 1Page - Texas Instruments SN65LVDS19DRFT Datasheet HTML 2Page - Texas Instruments SN65LVDS19DRFT Datasheet HTML 3Page - Texas Instruments SN65LVDS19DRFT Datasheet HTML 4Page - Texas Instruments SN65LVDS19DRFT Datasheet HTML 5Page - Texas Instruments SN65LVDS19DRFT Datasheet HTML 6Page - Texas Instruments SN65LVDS19DRFT Datasheet HTML 7Page - Texas Instruments SN65LVDS19DRFT Datasheet HTML 8Page - Texas Instruments SN65LVDS19DRFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
SN65LVDS18, SN65LVP18
SN65LVDS19, SN65LVP19
SLLS624B – SEPTEMBER 2004 – REVISED NOVEMBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS(1)
INPUT
OUTPUT
GAIN CONTROL
BASE PART NUMBER
PART MARKING
Single-ended
LVDS
Yes
SN65LVDS18
ER
Single-ended
LVPECL
Yes
SN65LVP18
EP
Differential
LVDS
No
SN65LVDS19
ET
Differential
LVPECL
No
SN65LVP19
ES
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted) (1)
UNIT
VCC
Supply voltage (2)
–0.5 V to 4 V
VI
Input voltage
–0.5 V to VCC + 0.5 V
VO
Output voltage
–0.5 V to VCC + 0.5 V
IO
VBB output current
±0.5 mA
HBM electrostatic discharge(3)
±3 kV
CDM electrostatic discharge(4)
±1500 V
Continuous power dissipation
See Power Dissipation Ratings Table
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground (see Figure 1).
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A-7
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101
TA < 25°C
OPERATING FACTOR
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
DRF
403 mW
4.0 mW/°C
161 mW
MIN
NOM
MAX
UNIT
VCC
Supply Voltage
2.375
2.5 or 3.3
3.6
V
VIC
Common-mode input voltage (VIA + VIB)/2
SN65LVDS19 or SN65LVP19
1.2
VCC – (VID/2)
V
|VID|
Differential input voltage magnitude |VIA - VIB| SN65LVDS19 or SN65LVP19
0.8
1
V
EN
2
VCC
VIH
High-level input voltage
V
SN65LVDS18 or SN65LVP18
VCC– 1.17
VCC– 0.44
EN
0
0.8
VIL
Low-level input voltage
V
SN65LVDS18 or SN65LVP18
VCC– 2.25
VCC– 1.52
IO
Output current to VBB
–400(1)
400
µA
RL
Differential load resistance
90
132
TA
Operating free-air temperature
-40
85
°C
(1)
The algebraic convention, where the least positive (more negative) value is designated minimum, is used in this data sheet.
2


Similar Part No. - SN65LVDS19DRFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS19DRFT TI1-SN65LVDS19DRFT Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
More results

Similar Description - SN65LVDS19DRFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS16 TI-SN65LVDS16 Datasheet
319Kb / 15P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS16 TI-SN65LVDS16_07 Datasheet
538Kb / 18P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
SN65LVDS18 TI1-SN65LVDS18_15 Datasheet
478Kb / 17P
[Old version datasheet]   2.5-V/3.3-V OSCILLATOR GAIN STAGE/BUFFERS
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA008 ONSEMI-NBXSPA008 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com