Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVDA540QDRQ1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # HVDA540QDRQ1
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HVDA540QDRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button HVDA540QDRQ1 Datasheet HTML 7Page - Texas Instruments HVDA540QDRQ1 Datasheet HTML 8Page - Texas Instruments HVDA540QDRQ1 Datasheet HTML 9Page - Texas Instruments HVDA540QDRQ1 Datasheet HTML 10Page - Texas Instruments HVDA540QDRQ1 Datasheet HTML 11Page - Texas Instruments HVDA540QDRQ1 Datasheet HTML 12Page - Texas Instruments HVDA540QDRQ1 Datasheet HTML 13Page - Texas Instruments HVDA540QDRQ1 Datasheet HTML 14Page - Texas Instruments HVDA540QDRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
SN65HVDA540-Q1, SN65HVDA541-Q1, SN65HVDA542-Q1
SN65HVDA540-5-Q1, SN65HVDA541-5-Q1, SN65HVDA542-5-Q1
www.ti.com
SLLS804B – MARCH 2009 – REVISED SEPTEMBER 2010
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions, TJ = –40°C to 150°C (unless otherwise noted), SN65HVDA54x-5 devices VIO = VCC
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Driver Switching Characteristics
Propagation delay time,
7.1
tPLH
STB / S at 0 V, See Figure 7
65
ns
low-to-high level output
Propagation delay time,
7.2
tPHL
STB / S at 0 V, See Figure 7
50
ns
high-to-low level output
7.3
tR
Differential output signal rise time
STB / S at 0 V, See Figure 7
25
ns
7.4
tF
Differential output signal fall time
STB / S at 0 V, See Figure 7
55
ns
Enable time from standby or silent
7.5
tEN
See Figure 10
20
µs
mode to normal mode dominant
7.6
t(DOM)
(4)
Dominant time out
See Figure 13
300
400
700
µs
Receiver Electrical Characteristics
Positive-going input threshold
8.1
VIT+
STB / S at 0 V, See Table 5
800
900
mV
voltage, normal mode
Negative-going input threshold
8.2
VIT–
STB / S at 0 V, See Table 5
500
650
mV
voltage, normal mode
8.3
Vhys
Hysteresis voltage (VIT+ – VIT–)
100
125
mV
Input threshold voltage,
8.4
VIT(STBY)
standby mode (SN65HVDA541
STB at VIO
400
1150
mV
only)
Power-off (unpowered) bus input
CANH = CANL = 5 V, VCC at 0 V,
8.5
II(OFF_LKG)
3
µA
leakage current
VIO at 0 V, TXD at 0 V
SN65HVDA54x: TXD at VIO, VIO at
Input capacitance to ground
3.3 V.
8.6
CI
13
pF
(CANH or CANL)
SN65HVDA54x-5: TXD at VCC
VI = 0.4 sin (4E6pt) + 2.5 V
SN65HVDA54x: TXD at VIO, VIO at
3.3 V.
8.7
CID
Differential input capacitance
5
pF
SN65HVDA54x-5: TXD at VCC
VI = 0.4 sin(4E6pt)
8.8
RID
Differential input resistance
SN65HVDA54x: TXD at VIO, VIO =
29
80
k
3.3 V, STB at 0 V
SN65HVDA54x-5: TXD at VCC,
8.9
RIN
Input resistance (CANH or CANL)
14.5
25
40
k
STB at 0 V
Input resistance matching
8.10
RI(M)
V(CANH) = V(CANL)
–3
0
3
%
[1 – ®IN(CANH)/RIN(CANL))] × 100%
Receiver Switching Characteristics
Propagation delay time,
9.1
tPLH
STB / S at 0 V , See Figure 9
95
ns
low-to-high-level output
Propagation delay time,
9.2
tPHL
STB / S at 0 V , See Figure 9
60
ns
high-to-low-level output
9.3
tR
Output signal rise time
STB / S at 0 V , See Figure 9
13
ns
9.4
tF
Output signal fall time
STB / S at 0 V , See Figure 9
10
ns
Dominant time required on bus for
9.5
tBUS
wake-up from standby
1.5
5
µs
(SN65HVDA541 only)
STB at VIO, See Figure 3 and
Recessive time on the bus to clear
Figure 4
the standby mode receiver output
9.6
tCLEAR
(RXD) if standby mode is entered
1.5
5
µs
while bus is dominant
(SN65HVDA541 only)
(4)
The TXD dominant time out (t(DOM)) disables the driver of the transceiver once the TXD has been dominant longer than t(DOM), which
releases the bus lines to recessive, preventing a local failure from locking the bus dominant. The driver may only transmit dominant
again after TXD has been returned HIGH (recessive). While this protects the bus from local faults, locking the bus dominant, it limits the
minimum data rate possible. The CAN protocol allows a maximum of eleven successive dominant bits (on TXD) for the worst case,
where five successive dominant bits are followed immediately by an error frame. This, along with the t(DOM) minimum, limits the
minimum bit rate. The minimum bit rate may be calculated by: Minimum Bit Rate = 11/ t(DOM) = 11 bits / 300 µs = 37 kbps
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65HVDA540-Q1 SN65HVDA541-Q1 SN65HVDA540-5-Q1 SN65HVDA541-5-Q1
SN65HVDA542-5-Q1


Similar Part No. - HVDA540QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA540QDRQ1 TI1-HVDA540QDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results

Similar Description - HVDA540QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540 TI1-SN65HVDA540 Datasheet
385Kb / 19P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
logo
Texas Instruments
HVDA551-Q1 TI1-HVDA551-Q1 Datasheet
966Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com