Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVDA1040A-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA1040A-Q1
Description  EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA1040A-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVDA1040A-Q1 Datasheet HTML 5Page - Texas Instruments SN65HVDA1040A-Q1 Datasheet HTML 6Page - Texas Instruments SN65HVDA1040A-Q1 Datasheet HTML 7Page - Texas Instruments SN65HVDA1040A-Q1 Datasheet HTML 8Page - Texas Instruments SN65HVDA1040A-Q1 Datasheet HTML 9Page - Texas Instruments SN65HVDA1040A-Q1 Datasheet HTML 10Page - Texas Instruments SN65HVDA1040A-Q1 Datasheet HTML 11Page - Texas Instruments SN65HVDA1040A-Q1 Datasheet HTML 12Page - Texas Instruments SN65HVDA1040A-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN65HVDA1040A-Q1
www.ti.com
SLLS995C
– FEBRUARY 2010 – REVISED FEBRUARY 2011
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating conditions including operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Driver Switching Characteristics
7.1
tPLH
Propagation delay time, low-to-high level output
STB at 0 V, See Figure 7
25
65
120
ns
7.2
tPHL
Propagation delay time, high-to-low level output
STB at 0 V, See Figure 7
25
45
120
ns
7.3
tr
Differential output signal rise time
STB at 0 V, See Figure 7
25
ns
7.4
tf
Differential output signal fall time
STB at 0 V, See Figure 7
45
ns
Enable time from standby mode to normal mode
7.5
ten
See Figure 10
10
µs
and transmission of dominant
7.6
t(dom)
Dominant time out(2)
↓VI, See Figure 13
300
450
700
µs
Receiver
Positive-going input threshold voltage, high-speed
8.1
VIT+
STB at 0 V, See Table 4
800
900
mV
mode
Negative-going input threshold voltage,
8.2
VIT–
STB at 0 V, See Table 4
500
650
mV
high-speed mode
8.3
Vhys
Hysteresis voltage (VIT+ – VIT–)
100
125
mV
8.4
VIT
Input threshold voltage, standby mode
STB at VCC
500
1150
mV
8.5
VOH
High-level output voltage
IO = –2 mA, See Figure 9
4
4.6
V
8.6
VOL
Low-level output voltage
IO = 2 mA, See Figure 9
0.2
0.4
V
Power-off bus input current (unpowered bus
CANH = CANL = 5 V,
8.7
II(off)
3
µA
leakage current)
VCC at 0 V, TXD at 0 V
8.8
IO(off)
Power-off RXD leakage current
VCC at 0 V, RXD at 5 V
20
µA
TXD at 3 V,
8.9
CI
Input capacitance to ground (CANH or CANL)
13
pF
VI = 0.4 sin (4E6πt) + 2.5 V
8.10
CID
Differential input capacitance
TXD at 3 V, VI = 0.4 sin (4E6πt)
6
pF
8.11
RID
Differential input resistance
TXD at 3 V, STB at 0 V
30
80
k
8.12
RIN
Input resistance (CANH or CANL)
TXD at 3 V, STB at 0 V
15
30
40
k
Input resistance matching
8.13
RI(m)
V(CANH) = V(CANL)
–3
0
3
%
[1
– (RIN (CANH) / RIN (CANL))] × 100%
Receiver Switching Characteristics
9.1
tPLH
Propagation delay time, low-to-high-level output
STB at 0 V , See Figure 9
60
90
130
ns
9.2
tPHL
Propagation delay time, high-to-low-level output
STB at 0 V , See Figure 9
45
70
130
ns
9.3
tr
Output signal rise time
STB at 0 V , See Figure 9
8
ns
9.4
tf
Output signal fall time
STB at 0 V , See Figure 9
8
ns
Dominant time required on bus for wake-up from
9.5
tBUS
STB at VCC, See Figure 15
1.5
5
µs
standby
STB Pin
10.1
VIH
High-level input voltage, STB input
2
V
10.2
VIL
Low-level input voltage, STB input
0.8
V
10.3
IIH
High-level input current
STB at 2 V
–10
0
µA
10.4
IIL
Low-level input current
STB at 0.8 V
–10
0
µA
SPLIT Pin
11.1
VO
Output voltage
–500 µA < IO < 500 µA
0.3 VCC 0.5 VCC 0.7 VCC
V
11.2
IO(stb)
Leakage current, standby mode
STB at 2 V,
–12 V ≤ VO ≤ 12 V
–5
5
µA
(2)
The TXD dominant time out (t(dom)) disables the driver of the transceiver once the TXD has been dominant longer than t(dom), which
releases the bus lines to recessive, preventing a local failure from locking the bus dominant. The driver may only transmit dominant
again after TXD has been returned HIGH (recessive). While this protects the bus from local faults, locking the bus dominant, it limits the
minimum data rate possible. The CAN protocol allows a maximum of eleven successive dominant bits (on TXD) for the worst case,
where five successive dominant bits are followed immediately by an error frame. This, along with the t(dom) minimum, limits the minimum
bit rate. The minimum bit rate may be calculated by:
Minimum Bit Rate = 11/ t(dom) = 11 bits / 300 µs = 37 kbps
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65HVDA1040A-Q1


Similar Part No. - SN65HVDA1040A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
SN65HVDA1040BQDRQ1 TI1-SN65HVDA1040BQDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results

Similar Description - SN65HVDA1040A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
SN65HVD1050-EP TI1-SN65HVD1050-EP Datasheet
717Kb / 21P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com