Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD1050MDREPG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1050MDREPG4
Description  EMC OPTIMIZED CAN TRANSCEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1050MDREPG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD1050MDREPG4 Datasheet HTML 2Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 3Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 4Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 5Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 6Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 7Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 8Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 9Page - Texas Instruments SN65HVD1050MDREPG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SN65HVD1050-EP
SLLS772A – DECEMBER 2006 – REVISED OCTOBER 2009
www.ti.com
Thermal Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5 V, TJ = 27°C, RL = 60 Ω, S at 0 V,
Input to TXD a 500-kHz, 50% duty-cycle square wave,
112
CL at RXD = 15 pF
PD
Average power dissipation
mW
VCC = 5.5 V, Tj = 130°C, RL = 45 Ω, S at 0 V,
Input to TXD a 500-kHz, 50% duty-cycle square wave,
170
CL at RXD = 15 pF
Thermal shutdown temperature
190
°C
FUNCTION TABLES
Table 1. DRIVER
INPUTS
OUTPUTS
BUS STATE
TXD (1)
S (1)
CANH (1)
CANL (1)
L
L or Open
H
L
Dominant
H
X
Z
Z
Recessive
Open
X
Z
Z
Recessive
X
H
Z
Z
Recessive
(1)
H = high level, L = low level, X = irrelevant, Z = high impedance
Table 2. RECEIVER
DIFFERENTIAL INPUTS
OUTPUT RXD (1)
BUS STATE
VID = V(CANH) – V(CANL)
VID ≥ 0.9 V
L
Dominant
0.5 V < VID < 0.9 V
?
?
VID ≤ 0.5 V
H
Recessive
Open
H
Recessive
(1)
H = high level, L = low level, X = irrelevant, ? = indeterminate
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s) :SN65HVD1050-EP


Similar Part No. - SN65HVD1050MDREPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050A-Q1 TI-SN65HVD1050A-Q1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
SN65HVD1050AQDRQ1 TI-SN65HVD1050AQDRQ1 Datasheet
591Kb / 18P
[Old version datasheet]   SN65HVD1050AQDRQ1
More results

Similar Description - SN65HVD1050MDREPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1050 TI-SN65HVD1050 Datasheet
871Kb / 19P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050 TI-SN65HVD1050_08 Datasheet
587Kb / 20P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1050-Q1 TI-SN65HVD1050-Q1 Datasheet
376Kb / 17P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1050A-Q1 TI1-SN65HVDA1050A-Q1 Datasheet
601Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040A-Q1 TI1-SN65HVDA1040A-Q1 Datasheet
764Kb / 24P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1_101 TI-SN65HVD1040A-Q1_101 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1_10 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com