Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C15NL-25 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320C15NL-25
Description  DIGITAL SIGNAL PROCESSORS
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C15NL-25 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320C15NL-25 Datasheet HTML 4Page - Texas Instruments TMS320C15NL-25 Datasheet HTML 5Page - Texas Instruments TMS320C15NL-25 Datasheet HTML 6Page - Texas Instruments TMS320C15NL-25 Datasheet HTML 7Page - Texas Instruments TMS320C15NL-25 Datasheet HTML 8Page - Texas Instruments TMS320C15NL-25 Datasheet HTML 9Page - Texas Instruments TMS320C15NL-25 Datasheet HTML 10Page - Texas Instruments TMS320C15NL-25 Datasheet HTML 11Page - Texas Instruments TMS320C15NL-25 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 149 page
background image
D
D
K
D
D
D
D
D
D
D
D
D
D
D
K
D
D
D
S
S
X
S
NO.
CYCLES
NO.
CYCLES
NO.
WORDS
NO.
WORDS
D
D
D
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
8
Table 3. TMS320C1x Instruction Set Summary
ACCUMULATOR INSTRUCTIONS
OPCODE
MNEMONIC
DESCRIPTION
INSTRUCTION REGISTER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ABS
Absolute value of accumulator
1
1
0
1
1
1
1
1
1
1
1
0
0
0
1
0
0
0
ADD
Add to accumulator with shift
1
1
0
000
M
ADDH
Add to high-order accumulator bits
1
1
0
11000
0
0
M
ADDS
Add to accumulator with no sign extension
1
1
0
11000
0
1
M
AND
AND with accumulator
1
1
0
11110
0
1
M
LAC
Load accumulator with shift
1
1
0
010
M
LACK
Load accumulator immediate
1
1
0
11111
1
0
OR
OR with accumulator
1
1
0
11110
1
0
M
SACH
Store high-order accumulator bits with shift
1
1
0
1011
M
SACL
Store low-order accumulator bits
1
1
0
10100
0
0
M
SUB
Subtract from accumulator with shift
1
1
0
001
M
SUBC
Conditional subtract (for divide)
1
1
0
11001
0
0
M
SUBH
Subtract from high-order accumulator bits
1
1
0
11000
1
0
M
SUBS
Subtract from accumulator with no sign extension
1
1
0
11000
1
1
M
XOR
Exclusive OR with accumulator
1
1
0
11110
0
0
M
ZAC
Zero accumulator
1
1
0
11111
1
1
1
0
0
0100
1
ZALH
Zero accumulator and load high-order bits
1
1
0
11001
0
1
M
ZALS
Zero accumulator and load low-order bits with no sign extension
1
1
0
11001
1
0
M
AUXILIARY REGISTER AND DATA PAGE POINTER INSTRUCTIONS
OPCODE
MNEMONIC
DESCRIPTION
INSTRUCTION REGISTER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
LAR
Load auxiliary register
1
1
0
0
1
1
1
0
0
R
M
LARK
Load auxiliary register immediate
1
1
0
11100
0
R
LARP
Load auxiliary register pointer immediate
1
1
0
11010
0
0
1
0
0
0000
K
LDP
Load data memory page pointer
1
1
0
11011
1
1
M
LDPK
Load data memory page pointer immediate
1
1
0
11011
1
0
0
0
0
0000
K
MAR
Modify auxiliary register and pointer
1
1
0
11010
0
0
M
SAR
Store auxiliary register
1
1
0
0
1
1
0
0
0
R
M


Similar Part No. - TMS320C15NL-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C15NL-25 TI-TMS320C15NL-25 Datasheet
1Mb / 146P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C15NL-25 TI1-TMS320C15NL-25 Datasheet
1Mb / 149P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C15NL-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com