Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD11-HT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD11-HT
Description  3.3-V RS-485 TRANSCEIVER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD11-HT Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD11-HT Datasheet HTML 1Page - Texas Instruments SN65HVD11-HT Datasheet HTML 2Page - Texas Instruments SN65HVD11-HT Datasheet HTML 3Page - Texas Instruments SN65HVD11-HT Datasheet HTML 4Page - Texas Instruments SN65HVD11-HT Datasheet HTML 5Page - Texas Instruments SN65HVD11-HT Datasheet HTML 6Page - Texas Instruments SN65HVD11-HT Datasheet HTML 7Page - Texas Instruments SN65HVD11-HT Datasheet HTML 8Page - Texas Instruments SN65HVD11-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
SN65HVD11-HT
www.ti.com
SLLS934E – NOVEMBER 2008 – REVISED JUNE 2012
THERMAL CHARACTERISTICS FOR JD PACKAGE
over operating free-air temperature range unless otherwise noted
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-K board(3), No airflow
JD pkg
64.9
Junction-to-ambient thermal
θJA
°C/W
resistance(2)
No airflow
JD pkg
83.4
Junction-to-board thermal
θJB
High-K board without underfill
JD pkg
27.9
°C/W
resistance
Junction-to-case thermal
θJC
JD pkg
6.49
°C/W
resistance
RL= 60 Ω, CL = 50 pF,
DE = VCC, RE = 0 V,
HVD11
PD
Device power dissipation
165
mW
Input to D a 50% duty cycle square
(10 Mbps)
wave at indicated signaling rate
(1)
See Application Information section for an explanation of these parameters.
(2)
The intent of
θJA specification is solely for a thermal performance comparison of one package to another in a standardized environment.
This methodology is not meant to and will not predict the performance of a package in an application-specific environment.
(3)
JED51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
THERMAL CHARACTERISTICS FOR HKJ OR HKQ PACKAGE
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
TYP
MAX
UNIT
to ceramic side of case
5.7
θJC
Junction-to-case thermal resistance
°C/W
to top of case lid (metal side of case)
13.7
RECOMMENDED OPERATING CONDITIONS
TA = –55°C to 125°C
TA = 175°C
TA = 210°C
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
3
3.6
3
3.6
3
3.6
V
VI or
Voltage at any bus terminal (separately or common mode)
-7(1)
12
-7(1)
12
-7(1)
12
V
VIC
VIH
High-level input voltage
D, DE, RE
2
VCC
2
VCC
2
VCC
V
VIL
Low-level input voltage
D, DE, RE
0
0.8
0
0.8
0
0.8
V
VID
Differential input voltage
Figure 8
-12
12
-12
12
-12
12
V
Driver
-60
-60
-60
IOH
High-level output current
mA
Receiver
-8
-8
-8
Driver
60
60
60
IOL
Low-level output current
mA
Receiver
8
8
8
RL
Differential load resistance
54
60
54
60
54
60
CL
Differential load capacitance
50
50
50
pF
Signaling rate
10
10
10
Mbps
TJ
(2)
Operating junction temperature
129
179
214
°C
(1)
The algebraic convention, in which the least-positive (most-negative) limit is designated as minimum, is used in this data sheet.
(2)
See Thermal Characteristics table for information regarding this specification.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65HVD11-HT


Similar Part No. - SN65HVD11-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
More results

Similar Description - SN65HVD11-HT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
SN75HVD11DR TI-SN75HVD11DR Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10_08 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD11DR TI-SN65HVD11DR Datasheet
559Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10-EP TI1-SN65HVD10-EP_14 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
logo
Analog Devices
ADM3493 AD-ADM3493 Datasheet
331Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
REV. 0
ADM3493 AD-ADM3493_15 Datasheet
341Kb / 12P
   3.3 V Slew Rate Limited, Half Duplex RS-485/RS-422 Transceiver
Rev. 0
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com